Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269-Q3 Datasheet(PDF) 106 Page - STMicroelectronics

Part # ST10F269-Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-Q3 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button ST10F269-Q3 Datasheet HTML 102Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 103Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 104Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 105Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 106Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 107Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 108Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 109Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 160 page
background image
ST10F269
106/160
The PONR flag of WDTCON register is set if the output voltage of the internal 3.3V supply falls below the
threshold (typically 2V) of the power-on detection circuit. This circuit is efficient to detect major failures of
the external 5V supply but if the internal 3.3V supply does not drop under 2 volts, the PONR flag is not
set. This could be the case on fast switch-off / switch-on of the 5V supply. The time needed for such a
sequence to activate the PONR flag depends on the value of the capacitors connected to the supply and
on the exact value of the internal threshold of the detection circuit.
Notes: 1. PONR bit may not be set for short supply failure.
2. For power-on reset and reset after supply partial failure, asynchronous reset must be used.
In case of bi-directional reset is enabled, and if the RSTIN pin is latched low after the end of the internal
reset sequence, then a Short hardware reset, a software reset or a watchdog reset will trigger a Long
hardware reset. Thus, Reset Indications flags will be set to indicate a Long Hardware Reset.
The Watchdog Timer is 16-bit, clocked with the system clock divided by 2 or 128. The high Byte of the
watchdog timer register can be set to a pre-specified reload value (stored in WDTREL).
Each time it is serviced by the application software, the high byte of the watchdog timer is reloaded. For
security, rewrite WDTCON each time before the watchdog timer is serviced
The Table 27 shows the watchdog time range for 40MHz CPU clock.
The watchdog timer period is calculated with the following formula:
Table 26 : WDTCON Bit Value on Different Resets
Reset Source
PONR
LHWR
SHWR
SWR
WDTR
Power On Reset
X
X
X
X
Power on after partial supply failure
1) 2)
XXX
Long Hardware Reset
X
X
X
Short Hardware Reset
X
X
Software Reset
X
Watchdog Reset
XX
Table 27 : WDTREL Reload Value
Reload value in WDTREL
Prescaler for fCPU = 40MHz
2 (WDTIN = ‘0’)
128 (WDTIN = ‘1’)
FFh
12.8
µs819.2ms
00h
3.276ms
209.7ms
P
WD T
1
f
CPU
---------------
512
×
1W DT IN
] 63 )
256
W DT REL
])
[
–
(
×
×
[
+
(
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com