Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269-Q3 Datasheet(PDF) 117 Page - STMicroelectronics

Part # ST10F269-Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-Q3 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button ST10F269-Q3 Datasheet HTML 113Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 114Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 115Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 116Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 117Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 118Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 119Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 120Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 160 page
background image
ST10F269
117/160
20 - SPECIAL FUNCTION REGISTER OVERVIEW
The following table lists all SFRs which are
implemented in the ST10F269 in alphabetical
order. Bit-addressable SFRs are marked with the
letter “b” in column “Name”. SFRs within the
Extended SFR-Space (ESFRs) are marked with
the letter “E” in column “Physical Address”.
A
SFR
can
be
specified
by
its
individual
mnemonic name. Depending on the selected
addressing mode, a SFR can be accessed via its
physical address (using the Data Page Pointers),
or via its short 8-bit address (without using the
Data Page Pointers).
The reset value is defined as following:
X : Means the full nibble is not defined at reset.
x : Means some bits of the nibble are not
defined at reset.
Table 31 : Special Function Registers Listed by Name
Name
Physical
address
8-bit
address
Description
Reset
value
ADCIC
b
FF98h
CCh
A/D Converter end of Conversion Interrupt Control Register
- - 00h
ADCON
b
FFA0h
D0h
A/D Converter Control Register
0000h
ADDAT
FEA0h
50h
A/D Converter Result Register
0000h
ADDAT2
F0A0h
E
50h
A/D Converter 2 Result Register
0000h
ADDRSEL1
FE18h
0Ch
Address Select Register 1
0000h
ADDRSEL2
FE1Ah
0Dh
Address Select Register 2
0000h
ADDRSEL3
FE1Ch
0Eh
Address Select Register 3
0000h
ADDRSEL4
FE1Eh
0Fh
Address Select Register 4
0000h
ADEIC
b
FF9Ah
CDh
A/D Converter Overrun Error Interrupt Control Register
- - 00h
BUSCON0
b
FF0Ch
86h
Bus Configuration Register 0
0xx0h
BUSCON1
b
FF14h
8Ah
Bus Configuration Register 1
0000h
BUSCON2
b
FF16h
8Bh
Bus Configuration Register 2
0000h
BUSCON3
b
FF18h
8Ch
Bus Configuration Register 3
0000h
BUSCON4
b
FF1Ah
8Dh
Bus Configuration Register 4
0000h
CAPREL
FE4Ah
25h
GPT2 Capture/Reload Register
0000h
CC0
FE80h
40h
CAPCOM Register 0
0000h
CC0IC
b
FF78h
BCh
CAPCOM Register 0 Interrupt Control Register
- - 00h
CC1
FE82h
41h
CAPCOM Register 1
0000h
CC1IC
b
FF7Ah
BDh
CAPCOM Register 1 Interrupt Control Register
- - 00h
CC2
FE84h
42h
CAPCOM Register 2
0000h
CC2IC
b
FF7Ch
BEh
CAPCOM Register 2 Interrupt Control Register
- - 00h
CC3
FE86h
43h
CAPCOM Register 3
0000h
CC3IC
b
FF7Eh
BFh
CAPCOM Register 3 Interrupt Control Register
- - 00h
CC4
FE88h
44h
CAPCOM Register 4
0000h
CC4IC
b
FF80h
C0h
CAPCOM Register 4 Interrupt Control Register
- - 00h
CC5
FE8Ah
45h
CAPCOM Register 5
0000h
CC5IC
b
FF82h
C1h
CAPCOM Register 5 Interrupt Control Register
- - 00h
CC6
FE8Ch
46h
CAPCOM Register 6
0000h
CC6IC
b
FF84h
C2h
CAPCOM Register 6 Interrupt Control Register
- - 00h
CC7
FE8Eh
47h
CAPCOM Register 7
0000h
CC7IC
b
FF86h
C3h
CAPCOM Register 7 Interrupt Control Register
- - 00h
CC8
FE90h
48h
CAPCOM Register 8
0000h
CC8IC
b
FF88h
C4h
CAPCOM Register 8 Interrupt Control Register
- - 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com