Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269-Q3 Datasheet(PDF) 148 Page - STMicroelectronics

Part # ST10F269-Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-Q3 Datasheet(HTML) 148 Page - STMicroelectronics

Back Button ST10F269-Q3 Datasheet HTML 144Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 145Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 146Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 147Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 148Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 149Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 150Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 151Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 160 page
background image
ST10F269
148/160
Notes: 1. RW-delay and
t
A refer to the next following bus cycle.
2. Read data are latched with the same clock edge that triggers the address change and the rising RD edge. Therefore address
changes before the end of RD have no impact on read cycles.
3. Partially tested, guaranteed by design characterization.
t41 CC
Latched CS hold after RD, WR
2 + tF
–
TCL - 10.5 + tF
–ns
t82 CC
Address setup to RdCS, WrCS
(with RW-delay)
14.5 + 2tA
–
2 TCL - 10.5 +
2tA
–ns
t83 CC Address setup to RdCS, WrCS
(no RW-delay)
2 + 2tA
–
TCL - 10.5 + 2tA
–ns
t46 SR
RdCS to Valid Data In
(with RW-delay)
–4 + tC
–
2 TCL - 21 + tC
ns
t47 SR
RdCS to Valid Data In
(no RW-delay)
–
16.5 + tC
–
3 TCL - 21 + tC
ns
t48 CC
RdCS, WrCS Low Time
(with RW-delay)
15.5 + tC
–
2 TCL - 9.5
+ tC
–ns
t49 CC RdCS, WrCS Low Time
(no RW-delay)
28 + tC
–
3 TCL - 9.5 + tC
–ns
t50 CC Data valid to WrCS
10 + tC
–
2 TCL - 15 + tC
–ns
t51 SR
Data hold after RdCS
0–
0
–
ns
t53 SR
Data float after RdCS
(with RW-delay)
3
–
16.5 + tF
–
2 TCL - 8.5 + tF
ns
t68 SR
Data float after RdCS
(no RW-delay)
3
–4 + tF
–
TCL - 8.5 + tF
ns
t55 CC
Address hold after
RdCS, WrCS
-8.5 + tF
–
-8.5 + tF
–ns
t57 CC
Data hold after WrCS
2 + tF
–
TCL - 10.5 + tF
–ns
Table 36 : Demultiplexed Bus Characteristics
Symbol
Parameter
Maximum CPU Clock
= 40MHz
Variable CPU Clock
1/2 TCL = 1 to 40MHz
Minimum
Maximum
Minimum
Maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com