Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5481 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST5481
Description  L.O.U.I.S - LOW COST USB ISDN SOLUTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5481 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST5481 Datasheet HTML 3Page - STMicroelectronics ST5481 Datasheet HTML 4Page - STMicroelectronics ST5481 Datasheet HTML 5Page - STMicroelectronics ST5481 Datasheet HTML 6Page - STMicroelectronics ST5481 Datasheet HTML 7Page - STMicroelectronics ST5481 Datasheet HTML 8Page - STMicroelectronics ST5481 Datasheet HTML 9Page - STMicroelectronics ST5481 Datasheet HTML 10Page - STMicroelectronics ST5481 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ST5481
7/18
7 - POWER MANAGEMENT
The device can be supplied by the USB bus
power lines VBUS (5 volts) and GNDBUS
(ground). This is enabled when RPSM (remote
power supply mode) is at logic one. Then on-chip
regulators bring 3.3 volts to internal analog and
digital blocks. When RPSM is high, a supply is
brought to external devices through pins GNDD1,
VREGD1, GNDD2, VREGD2, GNDA, VREGA.
The power budgeting is done by the host when
initializing the pipe:
The
needed
information
(maximum
power
consumption) is adjusted through pins CFG0,
CFG1 and as well as RPSM for “remote wake up
ability” information.
The following mechanism is used to do "a get
description device".
Figure 4 : Bus-Powered Mode (RPSM=1)
ST 5481
VBUS
RPSM
GNDBUS
VREGD1
GNDD1
VREGD2
GNDD2
VREGA
GNDA
From
To other
To other
8
5
3
4
44
34
35
6
7
digital
analog
device
device
USB bus
Figure 5 : Self Powered Mode (RPSM=0)
ST 5481
VBUS
RPSM
GNDBUS
VREGD1
GNDD1
VREGD2
GNDD2
VREGA
GNDA
From
8
5
3
4
44
34
35
6
7
From 3.3V
externally
regulated
supplies
USB bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com