Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5481 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST5481
Description  L.O.U.I.S - LOW COST USB ISDN SOLUTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5481 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST5481 Datasheet HTML 2Page - STMicroelectronics ST5481 Datasheet HTML 3Page - STMicroelectronics ST5481 Datasheet HTML 4Page - STMicroelectronics ST5481 Datasheet HTML 5Page - STMicroelectronics ST5481 Datasheet HTML 6Page - STMicroelectronics ST5481 Datasheet HTML 7Page - STMicroelectronics ST5481 Datasheet HTML 8Page - STMicroelectronics ST5481 Datasheet HTML 9Page - STMicroelectronics ST5481 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ST5481
6/18
5 - ISDN ACCESS
The device is directly connected to the ISDN line
at S0 interface point.
4 pins are dedicated to this access:
LIP, LIN: receive AMI differential signals inputs
connected to the appropriate transformer LOP,
LON: transmit AMI differential signals outputs
connected to the appropriate transformer.
The S interface access sub-function is clock-
feeded by a 15.36MHz clock signal from the
on-chip oscillator.
I431 recommendation protocols are fully imple-
mented.
The activation / deactivation command manage-
ment is done by the device.
5.1 - ISDN S Interface Synoptic
See Figure 3.
6 - USB ACCESS
The device is directly connected to the USB bus.
4 pins are dedicated to this access:
DP, DM for data exchange. VBUS, GNDBUS as
power lines.
The data transfer rate is 12 MBits. The clock is
extracted from the differential lines DP, DM by a
digital PLL from a 48MHz internal clock. This
48MHz clock is created from the 15.36MHz clock.
The USB protocol is fully implemented following
the 1.0 USB specification.
6.1 - USB Normalization
This specification refers to USB normalization
documents:
– Universal Serial Bus Specification revision 1.0
– Universal Serial Bus Common Class Specifica-
tion revision 1.0
– ST5481 belongs to the VENDOR SPECIFIC
DEVICE CLASS and to a vendor specific
subclass defined as ISDN MODEM DEVICE
SUBCLASS.
It presents ONE INTERFACE belonging to the
VENDOR SPECIFIC INTERFACE CLASS and a
vendor specific interface subclass defined as
ISDN SOFT MODEM INTERFACE SUBCLASS.
It satisfies to a vendor specific control protocol
called ISDN SOFT MODEM PROTOCOL.
Figure 3 : S-Interface Block Diagram
Line Signal
Rx
Slicers
RXNUM
CONTROL
TXNUM
- Tx multiframe control
- D channel monitoring
- Loopbacks
- Frame construction
- AMI code generation
Detector
- C/I control
- Activation state machine
- Master clocks generation
- D & E channel processing
- Auto threshold controller
- Auto equalizer controller
- Digital PLL, line synchronization
- AMI decoder
- Frame synchronization & polarity check
- Signal ID
- Multiframe control.
Pre Filter &
equalizer
2x6 bits DACs
Line
Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com