Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5481 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST5481
Description  L.O.U.I.S - LOW COST USB ISDN SOLUTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5481 Datasheet(HTML) 3 Page - STMicroelectronics

  ST5481 Datasheet HTML 1Page - STMicroelectronics ST5481 Datasheet HTML 2Page - STMicroelectronics ST5481 Datasheet HTML 3Page - STMicroelectronics ST5481 Datasheet HTML 4Page - STMicroelectronics ST5481 Datasheet HTML 5Page - STMicroelectronics ST5481 Datasheet HTML 6Page - STMicroelectronics ST5481 Datasheet HTML 7Page - STMicroelectronics ST5481 Datasheet HTML 8Page - STMicroelectronics ST5481 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ST5481
3/18
3.1 - Pin List
Pin
Name
Type
Function
1
DM
I/O
Negative USB differential data line
2
DP
I/O
Positive USB differential data line
3
GNDBUS
I
USB remote ground
4
VREGD1
I/O
Digital input/ output regulated supply, is an input when RPSM is tied to a logic
zero value
5
VBUS
I
USB remote positive supply 5 volts.
6
VREGA
I/O
3.3V input/ output analog regulated supply, is an input when RPSM is tied to a
logic zero value
7
GNDA
I
Analog ground
8
RPSM
I
REMOTE POWER SUPPLY MODE: when tied to a logic zero value the device
is self powered
9
MODE0
I
Static configuration pin. Used for working modes and test modes programming
10
MODE1
I
Static configuration pin. Used for working modes and test modes programming
11
MODE2
I
Static configuration pin. Used for working modes and test modes programming
12
MODE3
I
Static configuration pin. Used for working modes and test modes programming
13
LIP
In analog
Receive AMI signal differential positive inputs from the S line
14
LIN
In analog
Receive AMI signal differential negative input from the S line
15
IREF
In analog
External current reference (connected to an external resistor)
16
LON
Out analog
Transmit AMI signal differential negative output to the S line
17
LOP
Out analog
Transmit AMI signal differential positive output to the S line
18
TEST13
Out analog
Analog test pin: AOPTEST1
19
TEST12
Out analog
Analog test pin: AOPTEST2
20
TEST11
I/O
Test pin
21
TEST10
I/O
Test pin
22
TEST9
I/O
Test pin
23
TEST8
I/O
Test pin
24
TEST7
I/O
Test pin
25
TEST6
I/O
Test pin
26
TEST5
I/O
Test pin
27
TEST4
I/O
Test pin
28
TEST3
I/O
Test pin
29
ID3_TEST2
I/O
Either ID product bit 2 for USB descriptor either test pin
30
ID2_TEST1
I/O
Either ID product bit 3 for USB descriptor either test pin
31
ID1_TEST14
I
Either ID product bit 1 for USB descriptor either test pin
32
ID0_TEST15
I
Either ID product bit 0 for USB descriptor either test pin
33
NRESET
I
Initialisation input pin, zero active.
34
VREGD2
I
Digital input supply, must be connected to VREGD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com