Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5481 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST5481
Description  L.O.U.I.S - LOW COST USB ISDN SOLUTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5481 Datasheet(HTML) 5 Page - STMicroelectronics

  ST5481 Datasheet HTML 1Page - STMicroelectronics ST5481 Datasheet HTML 2Page - STMicroelectronics ST5481 Datasheet HTML 3Page - STMicroelectronics ST5481 Datasheet HTML 4Page - STMicroelectronics ST5481 Datasheet HTML 5Page - STMicroelectronics ST5481 Datasheet HTML 6Page - STMicroelectronics ST5481 Datasheet HTML 7Page - STMicroelectronics ST5481 Datasheet HTML 8Page - STMicroelectronics ST5481 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ST5481
5/18
4 - SYNOPTIC
Figure 2 : Global Synoptic
I430
MACROCELL
MCLK
STOP_OSC
S0 interface
TXCK_O
IREF
VREF
NRESET
NINT
DEN
DREQ
NLSD
SDO
SDI
SCK
NCS
RXCK_O
TXFS_O
RXFS_O
TXDATA
RXDATA
B1_W
B2_W
D_W
TEST
VREF-GEN
CHANNEL
B1, B2, D
FIFOS
for
ROM
Descriptor
ACCESS
and
controller
Endpoint 1
Microwire
interface
controller
Endpoint 0
TEST interface
CK48
USB
MACROCELL
USB Driver
CK12
CONTROL_DATA_IN(7-0)
CONTROL_DATA_OUT(7-0)
TEST2-0
USB Bus
4
Power management and REGULATORS
8 power pins
RPSM
MODE(3-0)
Test pins
15.36MHz
FLTPLL
PLL
15.36
48MHz
4
S0
CK48
isochonous
endpoints
256 bytes
FRAMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com