Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5481 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST5481
Description  L.O.U.I.S - LOW COST USB ISDN SOLUTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5481 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST5481 Datasheet HTML 8Page - STMicroelectronics ST5481 Datasheet HTML 9Page - STMicroelectronics ST5481 Datasheet HTML 10Page - STMicroelectronics ST5481 Datasheet HTML 11Page - STMicroelectronics ST5481 Datasheet HTML 12Page - STMicroelectronics ST5481 Datasheet HTML 13Page - STMicroelectronics ST5481 Datasheet HTML 14Page - STMicroelectronics ST5481 Datasheet HTML 15Page - STMicroelectronics ST5481 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ST5481
12/18
10 - ELECTRICAL SPECIFICATIONS
Unless otherwise stated, electrical characteristics are specified over the operating range.
Typical values are given for VBUS = +5V, VregA = 3.3V, VregD1 = VregD2 = 3.3V, Tamb = 25°C
10.1 - Absolute Maximum Rating
Notes GNDA = GNDD1 = GNDD2 = GNDBUS = 0V
Warning : Operation beyond these limits may result in permanent damage to the device. Normal operation is not guaranteed at these
extremes.
1. In Remote Power Supply Mode (RPSM=0)
2. For the ISDN S side access “LOP,LON,LIP,LIN” pins the voltage level can temporary exceed the maximum rating due to the phone
line conditions. To prevent any damage to the circuit, an external protection circuit must be implemented according to the application
schematics.
10.2 - Nominal DC Characteristics
(Ta = 0 to 70°C unless otherwise specified)
Note
1. VREGD2 is always an analog power input, to be connected to VREGD1
Table 4 : Absolute maximum ratings
Symbol
Parameter
Value
Unit
VBUS
5V Power Supply Voltage
5.5V
V
VREGD1
3.3V Power Supply Voltage 1
-0.3V to 3.6V
V
VREGD2
3.3V Power Supply Voltage 1
-0.3V to 3.6V
V
VREGA
3.3V Power Supply Voltage 1
-0.3V to 3.6V
V
VIA
Analog Input Voltage 2
-0.3 to VREGA + 0.3V
V
VID
Digital Input Voltage
-0.3 to VREGDX + 0.3V
V
VID
Digital Input Voltage on RPSM
-0.5 to VBUS + 0.3V
V
Toper
Operating Temperature
0, +70
°C
Tstg
Storage Temperature
-55, +125 °C
°C
Table 5 : Nominal DC characteristics
Symbol
Parameter
Minimum
Typical
Maximum
Unit
VBUS
Supply voltage
4
5
5.25
V
Ivdd
Supply Current (RPSM=1)
TBD
TBD
mA
Ivdds
Supply Current in Suspended Mode (RPSM=1)
TBD
mA
VREGA
Analog regulated OUTPUT power supply (RPSM=1)
Analog regulated INPUT power supply (RPSM=0)
3.3-5%
3.3
3.3+5%
V
VREGD1
Digital regulated OUTPUT power supply (RPSM=1)
Digital regulated INPUT power supply (RPSM=0)
3.3-5%
3.3
3.3+5%
V
VREGD2
Digital regulated INPUT power supply 1
3.3-5%
3.3
3.3+5%
V
IVregA
Analog regulated OUTPUT current (RPSM=1)
Analog regulated INPUT current (RPSM=0)
TBD
40
mA
IVregD1
Digital regulated OUTPUT current (RPSM=1)
Digital regulated INPUT current (RPSM=0)
TBD
40
mA
IVregD2
Digital regulated INPUT current 1
TBD
mA
PDLP
Low Power mode (Suspended mode)
TBD
mW
PD
Operating Power
TBD
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com