Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5481 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST5481
Description  L.O.U.I.S - LOW COST USB ISDN SOLUTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5481 Datasheet(HTML) 4 Page - STMicroelectronics

  ST5481 Datasheet HTML 1Page - STMicroelectronics ST5481 Datasheet HTML 2Page - STMicroelectronics ST5481 Datasheet HTML 3Page - STMicroelectronics ST5481 Datasheet HTML 4Page - STMicroelectronics ST5481 Datasheet HTML 5Page - STMicroelectronics ST5481 Datasheet HTML 6Page - STMicroelectronics ST5481 Datasheet HTML 7Page - STMicroelectronics ST5481 Datasheet HTML 8Page - STMicroelectronics ST5481 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ST5481
4/18
3.2 - PLL
An internal oscillator provides a 15.36MHz clock for S interface from an external 15.36MHz crystal. From
this clock, the analog block PLL provides a 48MHz clock for USB data rate recovering.
35
GNDD2
I
Digital ground
36
CFG0_TEST0
I/O
CFG0 input for configuration when closed or open mode else test9
37
FLTPLL
In analog
Used to adjust the internal PLL filter
38
XTALOUT
O
Tied to 15.36MHz external crystal
39
XTALIN
I
Tied to 15.36MHz external crystal
40
GPIO0
I/O
General purpose input-output pin 2mA
41
GPIO1
I/O
General purpose input-output pin 2mA
42
GPIO2
I/O
General purpose input-output pin 2mA
43
GPIO3
I/O
General purpose input-output pin 2mA
44
GNDD1
I
Digital ground
45
GPIO4
I/O
General purpose input-output pin 4mA
46
GPIO5
I/O
General purpose input-output pin 4mA
47
GPIO6
I/O
General purpose input-output pin 4mA
48
GPIO7
I/O
General purpose input-output pin 4mA
Pin
Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com