Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5481 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST5481
Description  L.O.U.I.S - LOW COST USB ISDN SOLUTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5481 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST5481 Datasheet HTML 9Page - STMicroelectronics ST5481 Datasheet HTML 10Page - STMicroelectronics ST5481 Datasheet HTML 11Page - STMicroelectronics ST5481 Datasheet HTML 12Page - STMicroelectronics ST5481 Datasheet HTML 13Page - STMicroelectronics ST5481 Datasheet HTML 14Page - STMicroelectronics ST5481 Datasheet HTML 15Page - STMicroelectronics ST5481 Datasheet HTML 16Page - STMicroelectronics ST5481 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ST5481
13/18
A 2.2
µF decoupling polarized capacitor (tantal or chemical) is necessary as between VREGA and GNDA.
A 1
µF decoupling polarized capacitor (tantal or chemical) is necessary as between VREGD1 and
GNDD1.
A 1
µF decoupling polarized capacitor (tantal or chemical) is necessary as between VREGD2 and
GNDD2.
Note
A 10ms time constant will be used (ex: 470 nF, 20
Ω) to generate an adequate pulse on NRESET pin.
Table 6 : Digital Pins (except GPIO4 to GPIO7,XTALin, XTALout, RPSM, NRESET)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
VIL
Low level input voltage
0.2VRegD1
V
VIH
High level input voltage
0.8VRegD1
V
VOL
Low level input voltage (ILoad = 2mA)
0.4
V
VOH
High Level Output Voltage (Iload = -2mA)
0.85VRegD1
V
ILEAK
Input Leakage Current
1
uA
IOL
Low level input Current (0<Vol<Volmax)
-2
mA
IOH
High Level Output Current (Vohmin<Vof<VregD1)
2
mA
VHYST
Schmitt Trigger Hysteresis
0.8
V
CIN
Input Capacitance
3
pF
Table 7 : GPIO4, GPIO5, GPIO6, GPIO7.
Symbol
Parameter
Minimum
Typical
Maximum
Unit
VIL
Low level input voltage
0.2VRegD1
V
VIH
High level input voltage
0.8VRegD1
V
VOL
Low level input voltage (Iload = 2mA)
0.4
V
VOH
High Level Output Voltage (Iload = -2mA)
0.85VRegD1
V
ILEAK
Input Leakage Current
1
uA
IOL
Low level input Current (0<Vol<Volmax)
-4
mA
IOH
High Level Output Current (Vohmin<Vof<VregD1)
4
mA
VHYST
Schmitt Trigger Hysteresis
0.8
V
CIN
Input Capacitance
3
pF
Table 8 : RPSM, NRESET.(5 volt inputs compatible)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
VIL
Low level input voltage
0.3VBUS
V
VIH
High level input voltage
0.7VBUS
V
VHYST
Schmitt Trigger Hysteresis
1
1.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com