Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5481 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST5481
Description  L.O.U.I.S - LOW COST USB ISDN SOLUTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5481 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST5481 Datasheet HTML 6Page - STMicroelectronics ST5481 Datasheet HTML 7Page - STMicroelectronics ST5481 Datasheet HTML 8Page - STMicroelectronics ST5481 Datasheet HTML 9Page - STMicroelectronics ST5481 Datasheet HTML 10Page - STMicroelectronics ST5481 Datasheet HTML 11Page - STMicroelectronics ST5481 Datasheet HTML 12Page - STMicroelectronics ST5481 Datasheet HTML 13Page - STMicroelectronics ST5481 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ST5481
10/18
If Pin CFG1 is 1, when reset (PON,USB,PIN) is active the initial state is INACTIVE.
9 - ENDPOINTS CONFIGURATION AND DEDICATION
These endpoints are organized as one interface
(interface 0), one configuration (configuration 1).
The interface being composed of four alternate
settings. Hereafter in the document RX data
direction is from S line to PC and is considered as
IN by USB protocol.
The endpoints are:
– 4 isochronous endpoints for B1 and B2 channels
(fifo 32 bytes in each direction)
EP3 input endpoint for B1 channel IN(RX) on S
line
- associated to IN(RX) fifo 32 bytes
EP2 output endpoint for B1 channel OUT(TX)
on S line
- associated to OUT(TX) fifo 32 bytes
EP5 input endpoint for B2 channel IN(RX) on S
line
- associated to IN(RX) fifo 32 bytes
EP4 output endpoint for B2 channel OUT(TX)
on S line
- associated to OUT(TX) fifo 32 bytes
– 2 isochronous endpoints for D channels (fifo 16
bytes in each direction)
EP7 input endpoint for D channel IN(RX) on S
line
- associated to IN(RX) fifo 16 bytes
EP6 output endpoint for D channel OUT(TX) on
S line
- associated to OUT(TX) fifo 16 bytes
– 1 control endpoint means management of USB
standards, Communication Device Class (CDC)
standards (unused), and vendor requests (S in-
terface application dedicated):
EP0
- internal configuration and control registers
- D, B1, B2 channels transmit commands
- CI primitives to be transmitted
– 1 interrupt endpoint used for vendor interrupts
EP1
- channels reception or transmission indications
- CI primitives in receive direction
- D, B1, B2 channel reception indications
- S line status
- GPIO input changes
The alternate settings are:
Alternate setting 0: EP0, EP1.
- initialisation configuration
Alternate setting 1: EP0, EP1, EP2, EP3, P6, EP7
- connection 64Kbits through B1 channel
Alternate setting 2: EP0, EP1, EP4, EP5, EP6, EP7
- connection 64Kbits through B2 channel
Alternate setting 3: EP0, EP1, EP2, EP3, EP4,
EP5, EP6, EP7
- connection 128Kbps (144Kbits/sec) through
B1 + B2 + (data into D) channels
Figure 7 : S Interface States - CFG1=1
OFF
PON RESET /
USB REQUEST/
PIN RESET
M3
M2
STT(5)=0
STT(5)=1
PDN or PDWN=1
PUP or NLSD=0
STT(5)=1
M1 OFF
S LINE ACTIVATION
NOT POSSIBLE
ACTIVE
INACTIVE S LINE ACTIVATION
POSSIBLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com