Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5481 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST5481
Description  L.O.U.I.S - LOW COST USB ISDN SOLUTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5481 Datasheet(HTML) 2 Page - STMicroelectronics

  ST5481 Datasheet HTML 1Page - STMicroelectronics ST5481 Datasheet HTML 2Page - STMicroelectronics ST5481 Datasheet HTML 3Page - STMicroelectronics ST5481 Datasheet HTML 4Page - STMicroelectronics ST5481 Datasheet HTML 5Page - STMicroelectronics ST5481 Datasheet HTML 6Page - STMicroelectronics ST5481 Datasheet HTML 7Page - STMicroelectronics ST5481 Datasheet HTML 8Page - STMicroelectronics ST5481 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ST5481
2/18
1 - GENERAL PURPOSE
The ST5481 is a single chip ISDN -BRI with USB
Interface low cost controller. The purpose is a low
cost ISDN modem for applications like INTERNET
ACCES and FAX capabilities when the PC is ON
(full operating mode). The bonus is to offer an
easy and lowcost access to INTERNET at a rate
of 128kbits/sec. EASY access due to plug and
play features via USB bus and lowcost due to host
processing concept and remote powering via USB
bus features.
2 - MAIN FUNCTIONS
The device controls the S0 ISDN basic rate
access (ITU normalization I430) and manages the
B1, B2, D channels through the USB bus. B1, B2,
D channels data flow is regulated through FIFO
memories of respectively 32, 32, 16 bytes in each
direction. On D, B1, B2 channels, all upper
protocols than basic HDLC framing protocol
are host processed from upper-datalink protocol
(I440 normalization),
network
protocol
up
to
applications drivers. Link Activation, deactivation
protocols (I430) is managed by the device. But the
full handling of the command and indicate
primitives
is
done
by
the
host
processor
accessing to dedicated registers. Call setup
signalling frames through D channel are managed
by the host processor.
Internal regulators can be enabled to feed the
device (and external devices) via the GNDBUS,
VBUS USB powering lines. They convert the USB
5 volts to 3.3 volts.
The device respects the USB release 1.0 power
management recommendations. When entered in
suspend mode on USB side the device drop into a
low power mode. An internal oscillator and a PLL
provide from an external 15.36MHz crystal a
48MHz clock for USB data rate recovering and
15.36MHz clock for S interface.
The device offers one operating mode called
CLOSED mode plus several test modes. In
CLOSED MODE the device presents the USB
interface, the S interface and 8 GPIO pins.
3 - PIN-OUT
Figure 1 : Pin-out Synoptic
10
98
76
54
32
1
12
11
48
47
46
45
44
43
42
41
40
39
38
37
27
28
29
30
31
32
33
34
35
36
25
26
13
14
15
16
17
18
19
20
21
22
23
24
GPIO7
GPIO6
GPIO5
GPIO4
GNDD1
GPIO3
GPIO2
GPIO1
GPIO0
XTALIN
XTALOUT
FLTPLL
LIP
LIN
IREF
LON
LOP
TEST13
TEST12
NCS_TEST11
SDI_TEST10
CFG1_TEST9
SDO_TEST8
SCK_TEST7
ST5481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com