Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5481 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST5481
Description  L.O.U.I.S - LOW COST USB ISDN SOLUTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5481 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST5481 Datasheet HTML 10Page - STMicroelectronics ST5481 Datasheet HTML 11Page - STMicroelectronics ST5481 Datasheet HTML 12Page - STMicroelectronics ST5481 Datasheet HTML 13Page - STMicroelectronics ST5481 Datasheet HTML 14Page - STMicroelectronics ST5481 Datasheet HTML 15Page - STMicroelectronics ST5481 Datasheet HTML 16Page - STMicroelectronics ST5481 Datasheet HTML 17Page - STMicroelectronics ST5481 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
ST5481
15/18
10.4 - Line Side Isdn S Interface
Note
UIT-TI430, ETSI 300012, ANSI T1.605 standards compliance.
11 - APPLICATION SYNOPTIC
11.1 - Global Environment
Table 12 : ISDN Interface Electrical Characteristics: RIREF = 120kΩ
Symbol
Parameter
Minimum
Typical
Maximum
Unit
ITX
TX Line Driver current with 70
Ω between LOP / LON
[ 70 (total)= 50 (load) + 2 x 7 (serial) + 2 x 3 (serial) ]
14.25
15
15.75
mA
ITX
TX Line Driver current with 420
Ω between LOP / LON
[ 420 (total)= 400 (load) + 2 x 7 (serial) + 2 x 3 (serial) ]
3mA
ITX
TX Line Driver current with 25.6
Ω between LOP / LON
[ 25.6(total)= 5.6 (load) + 2 x 7 (serial) + 2 x 3 (serial) ]
26
mA
ZOTX
Transmit Output impedance during pulse.
( 20
Ω is obtained as total min value with serial resistors:
[ 20(total)= ZOTX+ 7(serial) + 7(serial) ])
6k
ZTX
Impedance when inactive, between LOP / LON
2.5
k
ZINRX
Receive Input impedance between LIP / LIN
2.5
k
Figure 8 : Synoptic
ISDN USB dongle
RJ45
USB
ST5481
NT1
Usb cable
S interface
Plug B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com