Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5481 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST5481
Description  L.O.U.I.S - LOW COST USB ISDN SOLUTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5481 Datasheet(HTML) 1 Page - STMicroelectronics

  ST5481 Datasheet HTML 1Page - STMicroelectronics ST5481 Datasheet HTML 2Page - STMicroelectronics ST5481 Datasheet HTML 3Page - STMicroelectronics ST5481 Datasheet HTML 4Page - STMicroelectronics ST5481 Datasheet HTML 5Page - STMicroelectronics ST5481 Datasheet HTML 6Page - STMicroelectronics ST5481 Datasheet HTML 7Page - STMicroelectronics ST5481 Datasheet HTML 8Page - STMicroelectronics ST5481 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/18
October 2000
HARDWARE FEATURES
S/T ISDN Interface
s SUPPORTS OSI LEVEL 1 IN CONFOR-
MANCE WITH UIT-T I.430 FOR BASIC
ACCESS AT S AND T INTERFACES
(ETSI
300012/ANSI T1.605)
s LINE INTERFACE TRANSFORMER DIRECT
DRIVE
s FULL-DUPLEX TRANSMISSION AT 192KBps
ON SEPARATE TRANSMIT AND RECEIVE
TWISTED PAIRS USING ALTERNATE MARK
INVERSION (AMI) LINE CODING
s 2 B CHANNELS AT 64KBps EACH PLUS 1 D
CHANNEL AT 16KBps
s ALL
I.430
WIRING
CONFIGURATIONS
SUPPORTED INCLUDING PASSIVE BUS
FOR TE’S DISTRIBUTED POINT TO POINT
AND POINT TO MULTIPOINT
s MULTIFRAME SUPPORT
s ANALOG
PART:
INCLUDED
WITH
ADAPTIVE DETECTION THRESHOLD AND
EQUALIZER
USB Interface
s USB 1.0 SPECIFICATION FULL COMPLI-
ANCE,
1.1
SPECIFICATION
COMPATI-
BILITY (1.1 POWER MANAGEMENT COM-
PLIANCE), 12 MBps FULL SPEED
s ON-CHIP
USB
TRANSCEIVER
WITH
DIGITAL PLL
s 6 ISOCHRONOUS ENDPOINTS FOR B1,
B2,
D
CHANNELS
DATA.INTERRUPT
ENDPOINT FOR I430
s ISDN PROTOCOL AND DATA.CONTROL
ENDPOINT FOR USB STANDARD PLUS
VENDOR SPECIFIC REQUEST
s COMMUNICATION DEVICE CLASS AND
VENDOR REQUESTS
s BUS OR SELF POWERED APPLICATION
(PIN PROGRAMMABLE)
s ONNOW POWER MANAGEMENT (D0,D2,D3)
SUSPEND MODE COMPLIANCE
s PIN PROGRAMMABLE HIGH/LOW POWER
USB DEVICE REGISTRATION, WAKE-UP
CAPABILITY, USB DEVICE IDENTIFICATION
GENERAL
– USB hot plug and play interface.
– Control access and interrupt handling provided
through the USB interface.
– All FIFOS and FIFOS management needed in-
cluded for USB/ISDN data processing.
– Internal PLL to generate the USB 48MHz clock
from a 15.36MHz crystal.
– Internal regulator for 3.3V generation from USB
bus 5V.
– 48 pin TQFP package.
– 0.35 micron HCMOS 6 process.
DESCRIPTION
ST5481 combines ISDN link access and an USB
interface to allow a very simple USB/ISDN
modem design with all ISDN protocols and upper
applications processed into the HOST PC.
TQFP48
ORDERING NUMBER:
ST5481 TQF7
ST5481
PRODUCT PREVIEW
L.O.U.I.S - LOW COST USB ISDN SOLUTION
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without notice.


Similar Part No. - ST5481

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST54 STMICROELECTRONICS-ST54 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
logo
Microdiode Semiconducto...
ST540L CHENDA-ST540L Datasheet
184Kb / 2P
TRENCH SCHOTTKY RECTIFIER
logo
Pulse A Technitrol Comp...
ST5420 PULSE-ST5420 Datasheet
1Mb / 7P
ISDN S-Interface Transformers
ST5421 PULSE-ST5421 Datasheet
1Mb / 7P
ISDN S-Interface Transformers
logo
STMicroelectronics
ST5451 STMICROELECTRONICS-ST5451 Datasheet
269Kb / 34P
ISDN HDLC AND GCI CONTROLLER
Mar-2000
More results

Similar Description - ST5481

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTHDTXX STMICROELECTRONICS-SMTHDTXX Datasheet
47Kb / 6P
TRISILTM DISCRETE SOLUTION FOR ISDN PROTECTION
Apr-1999
logo
Fairchild Semiconductor
USB100 FAIRCHILD-USB100 Datasheet
41Kb / 8P
Programmable Low-Cost USB Machine (PLUM)
logo
List of Unclassifed Man...
EDR101A0500Z ETC1-EDR101A0500Z Datasheet
158Kb / 5P
Miniature,cost-effective switching solution
logo
ATMEL Corporation
AT43DK301 ATMEL-AT43DK301 Datasheet
469Kb / 4P
Low-Cost USB Hub Development Kit
AT43301 ATMEL-AT43301_05 Datasheet
319Kb / 27P
Low-cost USB Hub Controller
logo
Laird Tech Smart Techno...
ECE072 LSTD-ECE072 Datasheet
462Kb / 2P
Cost-effective solution
ECE118 LSTD-ECE118 Datasheet
1Mb / 1P
Cost-effective solution
logo
Shenzhen Tianyuan Semic...
TP4100 TPOWER-TP4100 Datasheet
397Kb / 6P
Portable USB Fan Solution
logo
Shenzhen Huazhimei Semi...
HM5934 HMSEMI-HM5934 Datasheet
430Kb / 6P
Portable USB Fan Solution
logo
List of Unclassifed Man...
ECON ETC-ECON Datasheet
2Mb / 10P
Low Cost USB Data Acquisition Modules
May 2017. Rev 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com