Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5481 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST5481
Description  L.O.U.I.S - LOW COST USB ISDN SOLUTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5481 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST5481 Datasheet HTML 10Page - STMicroelectronics ST5481 Datasheet HTML 11Page - STMicroelectronics ST5481 Datasheet HTML 12Page - STMicroelectronics ST5481 Datasheet HTML 13Page - STMicroelectronics ST5481 Datasheet HTML 14Page - STMicroelectronics ST5481 Datasheet HTML 15Page - STMicroelectronics ST5481 Datasheet HTML 16Page - STMicroelectronics ST5481 Datasheet HTML 17Page - STMicroelectronics ST5481 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
ST5481
14/18
Table 9 : Crystal Oscillator (XTALin, XTALout)
Note
Manufacturer example: Ref MMD A20BA1- 15.36MHz
10.3 - Universal Serial Bus Interface
See Chapter 7 of USB rev1.0 for complete Electrical Specification
See Chapter 7 of USB rev1.0 for complete Electrical Specification.
Note
Excludes external resistor. In order to comply with USB Specification 1.0, external series resistors of 27
Ω ±1% each on DP and DM
are recommended.
AC Characteristics (DP, DM)
See Chapter 7.3.2 of USB rev1.0 for complete Electrical Specification.
Symbol
Parameter
Minimum
Typical
Maximum
Unit
VIL
Low level input voltage
0.2VRegD1
V
VIH
High level input voltage
0.8VRegD1
V
IL
Low level input Current
-TBD
uA
IH
High Level Output Current
TBD
uA
ESR
Electrical Serial Resistor
25
CO
Shunt capacitance
7
pF
Table 10 : 48MHz Internal PLL
Symbol
Parameter
Minimum
Typical
Maximum
Unit
JiTTER
Jitter peak-peak Magnitude
0.35
5
ns
Lock Time
High level input voltage
60
100
us
Table 11 : USB Nominal DC Characteristics (DP, DM)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
VDI
Differential Input Sensitivity [(DP)-(DM)]
0.2
V
VCM
Differential Common Mode Range
0.8
2.5
V
VSE
Single Ended Receiver Threshold
0.8
2
V
VOH
High Level output Static voltage (RL of 15K
Ω to GND)
2.5
3.6
V
VOL
Low level input Static voltage (RL of 1.5K
Ω to 3.6V)
0.3
V
ILO
Hi-Z State Data Line Leakage Current (0v <Vin <3,3V)
± 10
uA
Cin
Transceiver Capacitance (Pin to GND)
20
pF
RD
Driver Output Resistance (steady state drive)
TBD
TBD
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com