Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5481 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST5481
Description  L.O.U.I.S - LOW COST USB ISDN SOLUTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5481 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST5481 Datasheet HTML 4Page - STMicroelectronics ST5481 Datasheet HTML 5Page - STMicroelectronics ST5481 Datasheet HTML 6Page - STMicroelectronics ST5481 Datasheet HTML 7Page - STMicroelectronics ST5481 Datasheet HTML 8Page - STMicroelectronics ST5481 Datasheet HTML 9Page - STMicroelectronics ST5481 Datasheet HTML 10Page - STMicroelectronics ST5481 Datasheet HTML 11Page - STMicroelectronics ST5481 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ST5481
8/18
The host gets back the configuration of the device
either a low power device, either a high power
device
(max
power
parameter
higher
than
100mA). Being a high power device allows to set
on a wake up ability because looking for a line
signal detection consume more than 500uA
allowed for a low power device when in a suspend
state.
To adjust the maximum power consumption
parameter into the configuration descriptor, the
logical values present on pins CFG0, CFG1,
RPSM are used (see Table 1).
At power on, the digital regulator is immediately
ON and after 100
µs the analog regulator is
authorized to feed the internal oscillator.
– Initialization and clocks management.
– A HARDWARE PIN RESET is done through pin
NRESET (active low).
– A delay of 4.5ms is introduced before distribut-
ing the clocks to the internal functions.
– A USB HARDWARE RESET is done through
DP, DM pins. This reset affects the USB inter-
face, resetting the USB core state machines. It
does not affect the application (S interface, reg-
isters, fifos).
A USB SOFTWARE RESET is done through USB
bmRequest SET_DEFAULT. It brings the S
interface, application registers, application state
machines and fifos pointers to default state.
When the device goes out of SUSPEND_CLOCK
state, a delay of 4.5ms is introduced before
distributing the clocks to the internal functions.
When the device enters into a suspend mode due
to inactivity on USB bus, the oscillator is stopped
in order to save power except if FCONF(3) is
equal to 1.
Table 1 : Maximum Power Current and Wake up Ability Coding
Max Power
Current
High/Low
Power
Wake Up
Ability
CFG1
CFG0
RPSM
Bm Attributes
ROM add 27
Max Power
ROM add 28
100 mA
LO
NO
0
0
1
80
32
150 mA
HI
NO
0
1
1
80
96
150 mA
HI
YES
1
0
1
A0
96
250 mA
HI
YES
1
1
1
A0
F9
100 mA
LO
NO
0
0
0
C0
32
150 mA
HI
NO
0
1
0
C0
96
150 mA
HI
YES
1
0
0
E0
96
250 mA
HI
YES
1
1
0
E0
F9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com