Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7265X Datasheet(PDF) 145 Page - STMicroelectronics

Part # ST7265X
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265X Datasheet(HTML) 145 Page - STMicroelectronics

Back Button ST7265X Datasheet HTML 141Page - STMicroelectronics ST7265X Datasheet HTML 142Page - STMicroelectronics ST7265X Datasheet HTML 143Page - STMicroelectronics ST7265X Datasheet HTML 144Page - STMicroelectronics ST7265X Datasheet HTML 145Page - STMicroelectronics ST7265X Datasheet HTML 146Page - STMicroelectronics ST7265X Datasheet HTML 147Page - STMicroelectronics ST7265X Datasheet HTML 148Page - STMicroelectronics ST7265X Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 166 page
background image
ST7265x
145/166
I/O PORT PIN CHARACTERISTICS (Cont’d)
Figure 94.Typical VOL vs. VDD (standard I/Os)
Figure 95. Typical VOL vs. VDD (high-sink I/Os)
Figure 96. Typical VOH vs. VDD
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
23
45
6
7
Vdd (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
23
4
5
67
Vd d (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
23
4
5
67
Vdd (V)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
23
4
5
67
Vdd (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
234
56
7
Vdd (V)
0
0.5
1
1.5
2
2.5
3
23
45
6
7
Vdd (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com