Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7265X Datasheet(PDF) 152 Page - STMicroelectronics

Part # ST7265X
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265X Datasheet(HTML) 152 Page - STMicroelectronics

Back Button ST7265X Datasheet HTML 148Page - STMicroelectronics ST7265X Datasheet HTML 149Page - STMicroelectronics ST7265X Datasheet HTML 150Page - STMicroelectronics ST7265X Datasheet HTML 151Page - STMicroelectronics ST7265X Datasheet HTML 152Page - STMicroelectronics ST7265X Datasheet HTML 153Page - STMicroelectronics ST7265X Datasheet HTML 154Page - STMicroelectronics ST7265X Datasheet HTML 155Page - STMicroelectronics ST7265X Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 166 page
background image
ST7265x
152/166
COMMUNICATION INTERFACE CHARACTERISTICS (Cont’d)
13.11.3 I2C - Inter IC Control Interface
1) The device must internally provide a hold time of at least 300 ns for the SDA signal in order to bridge
the undefined region of the falling edge of SCL
2) The maximum hold time of the START condition has only to be met if the interface does not stretch the
low period of SCL signal
Cb = total capacitance of one bus line in pF
I
2C-Bus Timings
Parameter
Standard I
2C
Fast I
2C
Symbol
Unit
Min
Max
Min
Max
Bus free time between a STOP and START con-
dition
4.7
1.3
TBUF
ms
Hold time START condition. After this period,
the first clock pulse is generated
4.0
0.6
THD:STA
µs
LOW period of the SCL clock
4.7
1.3
TLOW
µs
HIGH period of the SCL clock
4.0
0.6
THIGH
µs
Set-up time for a repeated START condition
4.7
0.6
TSU:STA
µs
Data hold time
0 (1)
0 (1)
0.9(2)
THD:DAT
ns
Data set-up time
250
100
TSU:DAT
ns
Rise time of both SDA and SCL signals
1000
20+0.1Cb
300
TR
ns
Fall time of both SDA and SCL signals
300
20+0.1Cb
300
TF
ns
Set-up time for STOP condition
4.0
0.6
TSU:STO
ns
Capacitive load for each bus line
400
400
Cb
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com