Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 119 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 115Page - STMicroelectronics ST92141 Datasheet HTML 116Page - STMicroelectronics ST92141 Datasheet HTML 117Page - STMicroelectronics ST92141 Datasheet HTML 118Page - STMicroelectronics ST92141 Datasheet HTML 119Page - STMicroelectronics ST92141 Datasheet HTML 120Page - STMicroelectronics ST92141 Datasheet HTML 121Page - STMicroelectronics ST92141 Datasheet HTML 122Page - STMicroelectronics ST92141 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 179 page
background image
119/179
ST92141 - 3-PHASE INDUCTION MOTOR CONTROLLER (IMC)
INDUCTION MOTOR CONTROLLER (Cont’d)
PWM signals generation in Classical mode
In this mode, each of the three PWM signals set to
‘0’ when the PWM Counter reaches, in up-count-
ing, the corresponding 11-bit Compare register
value and they are set to ‘1’ when the PWM Coun-
ter is cleared.
If the 11-bit Compare register value is greater than
the extended Compare 0 register (the 11th bit is
set to ‘0’), the corresponding PWM output signal is
held at ‘1’.
If the 11-bit Compare register value = 0, the corre-
sponding PWM output signal is held at ‘0’.
Figure 66 shows some Classical PWM waves in
an example where the Compare 0 register value =
8.
Figure 66. Classical PWM Waveforms (Compare 0 Register = 8)
01234567801
1
2
3
‘1’
4
‘0’
1 Compare Register value = 4
2 Compare Register value = 8
3 Compare Register value > 8
4 Compare Register value = 0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com