Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 122 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 118Page - STMicroelectronics ST92141 Datasheet HTML 119Page - STMicroelectronics ST92141 Datasheet HTML 120Page - STMicroelectronics ST92141 Datasheet HTML 121Page - STMicroelectronics ST92141 Datasheet HTML 122Page - STMicroelectronics ST92141 Datasheet HTML 123Page - STMicroelectronics ST92141 Datasheet HTML 124Page - STMicroelectronics ST92141 Datasheet HTML 125Page - STMicroelectronics ST92141 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 179 page
background image
122/179
ST92141 - 3-PHASE INDUCTION MOTOR CONTROLLER (IMC)
INDUCTION MOTOR CONTROLLER (Cont’d)
7.4.3.5 Polarity Selection
The Polarity Selection performs a logical comple-
ment of the input signals (Uh, Ul, Vh, Vl, Wh, Wl)
as programmed in the Polarity Selection register.
7.4.3.6 Interrupts
The IMC controller generates 8 interrupt requests
and 1 NMI. Each interrupt request has a separate
vector address. The NMI interrupt is managed by
the ST9 as a Top Level Interrupt.The interrupt pri-
ority is fixed by hardware as listed below:
7.4.4 Tacho Counter Operating mode
The Tacho Counter can work in One Shot mode or
in Continuous mode.
In both Continuous or One Shot mode the Capture
event can be generated by hardware (TACHO Pin)
or by software (STC bit in the PCR1 register) ac-
cording to the value of the TES bit in the PCR1
register.
When the CTC bit in the PCR0 register is set, the
TACHO Counter is cleared (this bit is reset by
hardware).
7.4.4.1 Tacho Counter in One Shot mode
In this operating mode (TCB bit = 1 in the PCR1
register) the Counter does the following:
– Counting is started by setting the TCE bit in the
PCR0 register.
– When a Capture event occurs, counting is
stopped (TCE bit is cleared), the value is cap-
tured and a CPT interrupt is generated (if the
CCPT bit in the PCR1 register is set, the Counter
is cleared).
– When the MSB of Tacho Counter reaches the
Tacho Compare register value, the Counter is
stopped (TCE bit is cleared) and the OTC inter-
rupt is generated.
7.4.4.2 Tacho Counter in Continuous mode
In this operating mode (TCB bit = 0 in the PCR1
register) the Counter does the following:
– Counting is started by setting the TCE bit in the
PCR0 register.
– Every Capture event, the value is captured and
a CPT interrupt is generated (if the CCPT bit in
the PCR1 register is set, the Counter is
cleared).
– When the MSB of Tacho Counter reaches the
Tacho Compare register value, an OTC interrupt
is generated.
7.4.5 IMC Operating mode
The IMC controller can work in two different
modes:
– Hardware Operating mode (DTS bit = 0 in
PRCR2 register)
– Software Operating mode (DTS bit = 1 in PRCR2
register)
In both modes, when the corresponding event oc-
curs, the ADT and the other interrupts are generat-
ed.
When the CPC bit in the PCR0 register is set, the
PWM Counter is cleared (this bit is reset by soft-
ware).
7.4.5.1 IMC Hardware Operating mode
After system reset, the Compare U, V, W and
Compare 0 register values are all “0”.
When the PWM Counter is enabled (by setting the
PCE bit in the PCR0 register) and every time the
Repetition Counter and the PWM Counter reach
“0” value, the Repetition Counter is loaded, the
preload registers are loaded into the Compare reg-
isters and an ADT interrupt is generated.
Note: If an ADT (or any other interrupt) is generat-
ed and the previous one is not completed, the last
one will be lost without any error condition being
issued.
Priority
Interrupt Source
CPU Top Level
Int. priority
NMI: Event on external pin
0 High Priority
ADT: Data transfer (when data is trans-
ferred from the preload registers to the
compare registers)
1
ZPC: PWM Counter Zero Event
2
CM0: PWM Counter Compare 0 Event
3
CPT: Tacho Counter Capture Event
4
CPU: Compare U Event (PWM counter
reached U compare value)
5
CPV: Compare V Event (PWM counter
reached V compare value)
6
CPW: Compare W Event (PWM coun-
ter reached W compare value)
7 Low Priority
OTC: Tacho Counter Overflow
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com