Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 120 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 116Page - STMicroelectronics ST92141 Datasheet HTML 117Page - STMicroelectronics ST92141 Datasheet HTML 118Page - STMicroelectronics ST92141 Datasheet HTML 119Page - STMicroelectronics ST92141 Datasheet HTML 120Page - STMicroelectronics ST92141 Datasheet HTML 121Page - STMicroelectronics ST92141 Datasheet HTML 122Page - STMicroelectronics ST92141 Datasheet HTML 123Page - STMicroelectronics ST92141 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 179 page
background image
120/179
ST92141 - 3-PHASE INDUCTION MOTOR CONTROLLER (IMC)
INDUCTION MOTOR CONTROLLER (Cont’d)
Repetition Down-Counter
Both in Zerocentered and Classical working mode,
the four Compare registers (one Compare 0 and
three for the U, V and W phases) are updated
when the PWM counter value is zero and the 8-bit
Repetition Down-Counter has reached zero value
by counting or by software programming (see
PCR2 register).
This means that data transits from the Preload
Compare registers to the Compare registers every
N cycles of the PWM Counter, where N is the val-
ue of the 8-bit Repetition register (N=1, 2, .., 256).
7.4.3.4 Dead Time Generator
For each phase there is one 6-bit Dead Time gen-
erator.
It generates two output signals: h and l.
The h output signal is the same as the input phase
signal except for the rising edge, which is delayed
relatively to the input signal rising edge.
The l output signal is the opposite of the input
phase signal except the rising edge which is de-
layed relatively to the input signal falling edge.
The delay is the same for each phase (U, V, W)
and its value is:
delay = T x N
where T is the period of the Dead Time Generator
input clock (INTCLK divided by 2) and N is the 6-
bit number in the Dead Time register.
If the DTE bit in PCR0 register is reset, the Dead
Time Generator is disabled. This means that no
delays are added to the l complemented outputs.
Figure 67 shows an example waveform of the U
phase.
If the delay is greater than the width of the active
phase (l or h) then the corresponding pulse is not
generated.
See Figure 68 and Figure 69.
Figure 67. Dead Time waveforms
U
Uh
Ul
Delay
Delay
5V
5V
5V
0V
0V
0V
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com