Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 126 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 126 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 122Page - STMicroelectronics ST92141 Datasheet HTML 123Page - STMicroelectronics ST92141 Datasheet HTML 124Page - STMicroelectronics ST92141 Datasheet HTML 125Page - STMicroelectronics ST92141 Datasheet HTML 126Page - STMicroelectronics ST92141 Datasheet HTML 127Page - STMicroelectronics ST92141 Datasheet HTML 128Page - STMicroelectronics ST92141 Datasheet HTML 129Page - STMicroelectronics ST92141 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 179 page
background image
126/179
ST92141 - 3-PHASE INDUCTION MOTOR CONTROLLER (IMC)
INDUCTION MOTOR CONTROLLER (Cont’d)
INTERRUPT PENDING REGISTER (IPR)
R243 - Read/Write
Register Page: 51
Reset Value: 0000 0000 (00h)
Bit 7 = CM0:
Compare 0 of PWM pending bit.
This bit is set by hardware when the PWM counter
reaches the value in the Compare 0 register while
CM0E=1. The CM0 bit must be cleared by soft-
ware.
0: No CMP0 interrupt occurred
1: CMP0 interrupt pending
Bit 6 = CPT:
Capture of Tacho counter pending bit.
This bit is set by hardware when a Tacho signal
event occurs while CPTE=1. The CPT bit must be
cleared by software.
0: No CPT interrupt occurred
1: CPT interrupt pending
Bit 5 = OTC:
Overflow of Tacho counter pending
bit.
This bit is set by hardware on a Tacho counter
overflow while OTCE=1. The OTC bit must be
cleared by software.
0: No OTC interrupt occurred
1: OTC interrupt pending
Bit 4 = ADT:
Automatic Data Transfer pending
bit.
This bit is set by hardware when data is trans-
ferred from the preload registers to the compare
registers while ADTE=1. The ADT bit must be
cleared by software.
0: No ADT interrupt occurred
1: ADT interrupt pending
Bit 3 = ZPC:
Zero of PWM counter pending bit.
This bit is set by hardware when the PWM counter
reaches zero while ZPCE=1. The ZPC bit must be
cleared by software.
0: No ZPC interrupt occurred
1: ZPC interrupt pending
Bit 2 = CPU:
Compare U pending bit.
In Classical Mode (CMS bit = 0), this bit is set by
hardware when the PWM Counter reaches the
Compare U register value while CPUE=1.
In Zerocentered Mode (CMS bit =1), this bit is set
by hardware when the PWM Counter reaches the
Compare U register value while CPUE=1 in up or
downcounting (depending on the UDIS bit in the
PSR register). The CPU bit must be cleared by
software.
0: No CPU interrupt occurred
1: CPU interrupt pending
Bit 1 = CPV:
Compare V pending bit.
In Classical Mode (CMS bit = 0), this bit is set by
hardware when the PWM Counter reaches the
Compare V register value while CPVE=1.
In Zerocentered Mode (CMS bit =1), this bit is set
by hardware when the PWM Counter reaches the
Compare V register value while CPVE=1 in up or
downcounting (depending on the UDIS bit in the
PSR register). The CPPRS register). The CPV bit
must be cleared by software.
0: No CPV interrupt occurred
1: CPV interrupt pending
Bit 0 = CPW:
Compare W pending bit.
In Classical Mode (CMS bit = 0), this bit is set by
hardware when the PWM Counter reaches the
Compare W register value while CPWE=1.
In Zerocentered Mode (CMS bit =1), this bit is set
by hardware when the PWM Counter reaches the
Compare W register value while CPWE=1 in up or
downcounting (depending on the UDIS bit in the
PSR register). The CPW bit must be cleared by
software.
0: No CPW interrupt occurred
1: CPW interrupt pending
Note 1: None of the bits in the IPR register can be
set by software, they can only be cleared.
Note 2: To clear the bits in the IPR register, the
user must not use direct addressing bit instruc-
tions such as AND, OR, BRES, etc. because some
interrupts may not be generated as expected. To
avoid this, do the following:
To clear one pending bit of the IPR register, load
the register with the mask corresponding to the bit
to be cleared.
For example:
To clear the CPW bit, use the instruction
LD R243,#1111 1110
rather than the instruction
AND R243,#1111 1110.
70
CM0
CPT
OTC
ADT
ZPC
CPU
CPV
CPW
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com