Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 130 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 126Page - STMicroelectronics ST92141 Datasheet HTML 127Page - STMicroelectronics ST92141 Datasheet HTML 128Page - STMicroelectronics ST92141 Datasheet HTML 129Page - STMicroelectronics ST92141 Datasheet HTML 130Page - STMicroelectronics ST92141 Datasheet HTML 131Page - STMicroelectronics ST92141 Datasheet HTML 132Page - STMicroelectronics ST92141 Datasheet HTML 133Page - STMicroelectronics ST92141 Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 179 page
background image
130/179
ST92141 - 3-PHASE INDUCTION MOTOR CONTROLLER (IMC)
INDUCTION MOTOR CONTROLLER (Cont’d)
PERIPHERAL CONTROL REGISTER 0 (PCR0)
R248 - Read/Write
Register Page: 48
Reset Value: 1000 0011 (83h)
Bit 7 = DTE:
Dead Time Counter Enable.
0: Stop and bypass the Dead Time counter
1: Enable the Dead Time counter
Bit 6 = TCE:
Tacho Counter Enable.
0: Stop Tacho counter and prescaler
1: Start Tacho counter and prescaler
Note: This bit is reset by the counter overflow or
by the Tacho capture when the IMC controller is in
one shot mode.
Bit 5 = PCE:
PWM Counter Enable.
0: Stop PWM Counter and prescaler
1: Start PWM Counter and prescaler
Bit 4 = CTC:
Clear of Tacho Counter.
0: No effect
1: Clear the Tacho Counter (this bit is reset by
hardware)
Bit 3 = CPC:
Clear of PWM Counter.
0: No effect.
1: Clear the PWM Counter (his bit is reset by hard-
ware)
Bit 2 = CMS:
PWM Counter Mode Selection.
0: Classical mode.
1: Zerocentered mode
Bit 1 = UDCS:
Up/Down - status (read only).
This bit is set and cleared by hardware.
0: The PWM Counter is counting down.
1: The PWM Counter is counting up.
Bit 0 = ODCS:
Output Dead Time counter Selec-
tion
0: Select the same signal for both (h, l) outputs
1: Select complementary signal for output (Dead
Time Generator outputs)
PERIPHERAL CONTROL REGISTER 1 (PCR1)
R249 - Read/Write
Register Page: 48
Reset Value: 0000 0000 00h
Bit 7 = Reserved.
Bit 6 = NMIE:
Non Maskable Interrupt Enable
0: When an NMI event occurs on the external pin,
it is sent as is (independently of the NMIL value)
to the ST9 core and has no effect on the IMC
controller.
1: When an NMI event occurs on the external pin,
if it is acknowledged (depending on the NMIL
bit) an interrupt request is sent to the ST9 core
(a high level signal ), the NMI pending bit (NMI
bit in IMCIVR register) is set and the OPE bit is
cleared.
Bit 5 = CCPT:
Clear on Capture of tacho counter
0: no clear on capture
1: clear on capture
Bit 4 = TES:
Tacho Event Selection.
0: Select capture by tacho event signal
1: Select capture by software (STC bit)
Bit 3 = STC:
Software tacho capture
0: No effect
1: Capture the Tacho counter (while TES=1). This
bit is reset by hardware
Bit 2 = TCB:
Tacho Counter Mode
0: Select continuous mode.
1: Select one shot mode (counting starts when
TCE bit is set and stops when a capture or an
overflow event occurs).
Bit 1:0 = TIN[1:0]
Tacho Signal Event Sensitivity
These bits select which Tacho signal event trig-
gers the Tacho Capture register.
Table 25. Tacho Signal Event Sensitivity
70
DTE
TCE
PCE
CTC
CPC
CMS
UDCS ODCS
70
-
NMIE
CCPT
TES
STC
TCB
TIN1
TIN0
TIN1
TIN0
Event
0
0
No operation
0
1
Falling edge
1
0
Rising edge
1
1
Rising and falling edges
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com