Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 132 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 128Page - STMicroelectronics ST92141 Datasheet HTML 129Page - STMicroelectronics ST92141 Datasheet HTML 130Page - STMicroelectronics ST92141 Datasheet HTML 131Page - STMicroelectronics ST92141 Datasheet HTML 132Page - STMicroelectronics ST92141 Datasheet HTML 133Page - STMicroelectronics ST92141 Datasheet HTML 134Page - STMicroelectronics ST92141 Datasheet HTML 135Page - STMicroelectronics ST92141 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 179 page
background image
132/179
ST92141 - 3-PHASE INDUCTION MOTOR CONTROLLER (IMC)
INDUCTION MOTOR CONTROLLER (Cont’d)
OUTPUT PERIPHERAL REGISTER (OPR)
R252 - Read/Write
Register Page: 48
Reset Value: 0000 0000 (00h)
Bit 7 = OPE:
Output Port Enable.
This bit can be set by software only if the NMI bit is
cleared.
0: Output port is in high impedance (without pull-
up and pull-down resistor).
1: Output port is available for data transfer.
Bit 6 = ODS:
Output Data Selection.
0: Dead time generator data.
1: Select the Bit 5:0 data
Bit 5:0 =
Uh, Ul, Vh, Vl, Wh, Wl phases
These bits can be sent out through the output port.
INTERRUPT MASK REGISTER (IMR)
R253 - Read/Write
Register Page: 48
Reset Value: 0000 0000 (00h)
Bit 7 = CM0E:
Compare 0 of PWM counter enable.
0: Disabled.
1: Enabled.
Bit 6 = CPTE:
Capture of Tacho counter Interrupt
enable.
0: Disabled.
1: Enabled.
Bit 5 = OTCE:
Overflow of Tacho counter Interrupt
enable.
0: Disabled.
1: Enabled.
Bit 4 = ADTE:
Automatic data transfer Interrupt
enable.
0: Disabled.
1: Enabled.
Bit 3 = ZPCE:
Zero of PWM counter interrupt ena-
ble.
0: Disabled.
1: Enabled.
Bit 2:0 = CPUE, CPVE, CPWE:
Compare U, V, W
interrupt enable.
0: Disabled.
1: Enabled.
70
OPE
ODS
UH
UL
VH
VL
WH
WL
70
CM0E
CPTE
OTCE
ADTE
ZPCE
CPUE
CPVE CPWE
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com