Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 129 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 125Page - STMicroelectronics ST92141 Datasheet HTML 126Page - STMicroelectronics ST92141 Datasheet HTML 127Page - STMicroelectronics ST92141 Datasheet HTML 128Page - STMicroelectronics ST92141 Datasheet HTML 129Page - STMicroelectronics ST92141 Datasheet HTML 130Page - STMicroelectronics ST92141 Datasheet HTML 131Page - STMicroelectronics ST92141 Datasheet HTML 132Page - STMicroelectronics ST92141 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 179 page
background image
129/179
ST92141 - 3-PHASE INDUCTION MOTOR CONTROLLER (IMC)
INDUCTION MOTOR CONTROLLER (Cont’d)
COMPARE PHASE U PRELOAD REGISTER
HIGH (CPUH)
R252 - Read/Write
Register Page: 51
Reset Value: 0000 0000 (00h)
Bit 7:0 = CPUH[7:0]
Most Significant Byte of
phase U preload value
COMPARE PHASE U PRELOAD REGISTER
LOW (CPUL)
R253 - Read/Write
Register Page: 51
Reset Value: 0000 0000 (00h)
Bit 7:5 = CPUL[7:5]
Low bits of phase U preload
value.
Bit 4:0 = Reserved.
COMPARE
0
PRELOAD
REGISTER
HIGH
(CP0H)
R254 - Read/Write
Register Page: 51
Reset Value: 0000 0000 (00h)
Bit 7:2 = Reserved.
Bit 1:0 = CP0H[1:0]
Most Significant Bits of Com-
pare 0 preload value.
COMPARE
0
PRELOAD
REGISTER
LOW
(CP0L)
R255 - Read/Write
Register Page: 51
Reset Value: 0000 0000 (00h)
Bit 7:0 = CP0L[7:0]
Low byte of Compare 0
preload value.
Note: CP0[9:0] value must be greater than 1.
70
CPUH
7
CPUH
6
CPUH
5
CPUH
4
CPUH
3
CPUH
2
CPUH
1
CPUH
0
70
CPUL7 CPUL6 CPUL5
-----
70
-
-
-
-
-
-
CP0H1 CP0H0
70
CP0L7 CP0L6 CP0L5 CP0L4 CP0L3 CP0L2 CP0L1 CP0L0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com