Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 131 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 127Page - STMicroelectronics ST92141 Datasheet HTML 128Page - STMicroelectronics ST92141 Datasheet HTML 129Page - STMicroelectronics ST92141 Datasheet HTML 130Page - STMicroelectronics ST92141 Datasheet HTML 131Page - STMicroelectronics ST92141 Datasheet HTML 132Page - STMicroelectronics ST92141 Datasheet HTML 133Page - STMicroelectronics ST92141 Datasheet HTML 134Page - STMicroelectronics ST92141 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 179 page
background image
131/179
ST92141 - 3-PHASE INDUCTION MOTOR CONTROLLER (IMC)
INDUCTION MOTOR CONTROLLER (Cont’d))
PERIPHERAL CONTROL REGISTER 2 (PCR2)
R250 - Read/Write
Register Page: 48
Reset Value: 0000 0000 (00h)
Bit 7 = GPIE:
Global Peripheral Interrupt Enable.
0: Disable all IMC controller interrupts.
1: Enable all IMC controller interrupts.
Bit 6 = RSE:
Enable Software Data Transfer to
Repetition register.
0: Disable loading of Repetition register by SDT bit
1: Enable loading of Repetition register by SDT bit
Bit 5 = CWSE:
Enable Software Data Transfer to
Compare W.
0: Disable load of Compare W register by SDT bit
1: Enable load of Compare W register by SDT bit
Bit 4 = CVSE:
Enable Software Data Transfer to
Compare V register.
0: Disable loading of Compare V register by SDT
bit
1: Enable loading of Compare V register by SDT
bit
Bit 3 = CUSE:
Enable Software Data Transfer to
Compare U register.
0: Disable loading of Compare U register by SDT
bit
1: Enable loading of Compare U register by SDT
bit
Bit 2 = C0SE:
Enable Software Data Transfer to
Compare 0 register.
0: Disable loading of Compare 0 register by SDT
bit
1: Enable loading of Compare 0 register by SDT
bit
Bit 1 = SDT:
Software Data Transfer
0: No effect
1: Transfer Data from preload to compare register
(while DTS=1) (This bit is reset by hardware).
Bit 0 = DTS:
Data Transfer Mode Selection.
0: Hardware transfer using Repetition counter
1: Software transfer using SDT bit.
POLARITY SELECTION REGISTER (PSR)
R251 - Read/Write
Register Page: 48
Reset Value: 0000 0000 (00h)
Bit 7 = NMIL:
Non Maskable Interrupt Level.
0: Low level of NMI event is acknowledged.
1: High level of NMI event is acknowledged.
Bit 6 = UDIS:
Up-Down Interrupt Select.
When the PWM Counter is working in Zerocen-
tered Mode the meaning is:
0: The Compare interrupts (CPU, CPV, CPW) are
issued when the Counter is counting up.
1: The Compare interrupts (CPU, CPV, CPW) are
issued when the Counter is counting down.
This bit has no effect when the Counter is working
in Classical Mode
Bit 5 = PUH:
Polarity of Uh phase.
0: Positive logical level.
1: Complemented logical level.
Bit 4 = PUL:
Polarity of Ul phase.
0: Positive logical level.
1: Complemented logical level.
Bit 3 = PVH:
Polarity of Vh phase.
0: Positive logical level.
1: Complemented logical level.
Bit 2 = PVL:
Polarity of Vl phase.
0: Positive logical level.
1: Complemented logical level.
Bit 1 = PWH:
Polarity of Wh phase.
0: Positive logical level.
1: Complemented logical level.
Bit 0: PWL:
Polarity of Wl phase.
0: Positive logical level.
1: Complemented logical level.
70
GPIE
RSE
CWSE CVSE
CUSE
C0SE
SDT
DTS
70
NMIL
UDIS
PUH
PUL
PVH
PVL
PWH
PWL
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com