Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 127 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 123Page - STMicroelectronics ST92141 Datasheet HTML 124Page - STMicroelectronics ST92141 Datasheet HTML 125Page - STMicroelectronics ST92141 Datasheet HTML 126Page - STMicroelectronics ST92141 Datasheet HTML 127Page - STMicroelectronics ST92141 Datasheet HTML 128Page - STMicroelectronics ST92141 Datasheet HTML 129Page - STMicroelectronics ST92141 Datasheet HTML 130Page - STMicroelectronics ST92141 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 179 page
background image
127/179
ST92141 - 3-PHASE INDUCTION MOTOR CONTROLLER (IMC)
INDUCTION MOTOR CONTROLLER (Cont’d)
TACHO
PRESCALER
REGISTER
HIGH
(TPRSH)
R244 - Read/Write
Register Page: 51
Reset Value: 0000 0000 (00h)
Bit 7:4 = Reserved.
Bit 3:0 = TPRH[3:0]
Most Significant Bits of tacho
prescaler value (N).
TACHO PRESCALER REGISTER LOW (TPRSL)
R245 - Read/Write
Register Page: 51
Reset Value: 0000 0000 (00h)
Bit 7:0 = TPRL[7:0]
Low byte of tacho prescaler
value (N).
If N = 0 Tacho Prescaler divides by 1.
PWM
COUNTER
PRESCALER
REGISTER
(CPRS)
R246 - Read/Write
Register Page: 51
Reset Value: 0000 0000 (00h)
Bit 7:0 = CPR[7:0]
PWM counter prescaler value
(N).
This value divides the INTCLK frequency by (N
+1), i.e. if N = 0, INTCLK is divided by 1.
REPETITION COUNTER REGISTER (REP)
R247 - Read/Write
Register Page: 51
Reset Value: 0000 0000 (00h)
Bit 7:0 = REP[7:0]
Repetition counter value (N).
If N = 0, each time the PWM Counter reaches ze-
ro, the Compare registers are updated and an
ADT interrupt is generated.
70
---
-
TPRH
3
TPRH
2
TPRH
1
TPRH
0
70
TPRL
7
TPRL
6
TPRL
5
TPRL
4
TPRL
3
TPRL
2
TPRL
1
TPRL
0
70
CPR7 CPR6 CPR5 CPR4 CPR3 CPR2 CPR1 CPR0
70
REP7 REP6 REP5 REP4 REP3 REP2 REP1 REP0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com