Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 170 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 170 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 166Page - STMicroelectronics ST92141 Datasheet HTML 167Page - STMicroelectronics ST92141 Datasheet HTML 168Page - STMicroelectronics ST92141 Datasheet HTML 169Page - STMicroelectronics ST92141 Datasheet HTML 170Page - STMicroelectronics ST92141 Datasheet HTML 171Page - STMicroelectronics ST92141 Datasheet HTML 172Page - STMicroelectronics ST92141 Datasheet HTML 173Page - STMicroelectronics ST92141 Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 179 page
background image
170/179
ST92141 - ELECTRICAL CHARACTERISTICS
A/D EXTERNAL TRIGGER TIMING TABLE
(VDD = 5V ± 10%, TA = 40°C to +85°C, CLoad = 50pF, fINTCLK = 25MHz, unless otherwise specified)
Note: The value in the left hand column shows the formula used to calculate the timing minimum or maximum from the oscillator clock period,
standard timer prescaler and counter programmed values.
The value in the right hand two columns show the timing minimum and maximum for an internal clock (INTCLK) at 25MHz.
Measurement points are taken with reference to VIH-VIH for positive pulse and VIL-VIL for negative pulse
(1) Formula guaranteed by design.
Legend:
Tck = INTCLK period = OSCIN period when OSCIN is not divided by 2;
2*OSCIN period when OSCIN is divided by 2;
OSCIN period / PLL factor when the PLL is enabled.
n = number of autoscanned channels (1
≤ n ≤ 8)
FDF = Frequency Division Factor (ADC prescaler factor), refer to section 7.6.1 on page 147
A/D EXTERNAL TRIGGER TIMING
Symbol
Parameter
Value (Note)
Unit
Formula(1)
Min.
Max.
1TwLOW
External trigger pulse width
≥ 1.5 x Tck
60
-
ns
2TwHIGH
External trigger pulse distance
≥ 1.5 x Tck
60
-
ns
3TwEXT
External trigger active edges distance
≥ 138 x n x FDF x Tck n x FDF x 5.52
-
µs
4TdSTR
EXTRG falling edge and first conversion start
0.5 x Tck
1.5 x Tck
20
60
ns
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com