Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 171 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 171 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 167Page - STMicroelectronics ST92141 Datasheet HTML 168Page - STMicroelectronics ST92141 Datasheet HTML 169Page - STMicroelectronics ST92141 Datasheet HTML 170Page - STMicroelectronics ST92141 Datasheet HTML 171Page - STMicroelectronics ST92141 Datasheet HTML 172Page - STMicroelectronics ST92141 Datasheet HTML 173Page - STMicroelectronics ST92141 Datasheet HTML 174Page - STMicroelectronics ST92141 Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 179 page
background image
171/179
ST92141 - ELECTRICAL CHARACTERISTICS
A/D ANALOG SPECIFICATIONS
(VDD = 5V, TA = 25°C, fINTCLK = 25MHz, unless otherwise specified)
Note:
(1) “1LSBideal” has a value of AVDD/256
(2) Including sample time
(3) This is the internal series resistance before the sampling capacitor
(4) This is a typical expected value, but not a tested production parameter.
If V(i) is the value of the i-th transition level (0
≤ i ≤ 254), the performance of the A/D converter has been evaluated as follows:
OFFSET ERROR= deviation between the actual V(0) and the ideal V(0) (=1/2 LSB)
GAIN ERROR= deviation between the actual V(254) and the ideal V(254) - V(0) (ideal V(254)=AV DD-3/2 LSB)
DNL ERROR= max {[V(i) - V(i-1)]/LSB - 1}
INL ERROR= max {[V(i) - V(0)]/LSB - i}
ABS. ACCURACY= overall max conversion error
(5) Simulated value.
(6) The specified values are guaranteed only if an overload condition occurs on a maximum of 2 non-selected analog input pins and the
absolute sum of input overload currents on all analog input pins does not exceed
±10 mA.
Parameter
Typical
Minimum
Maximum
Units (1)
Notes
Conversion time
138
INTCLK
(2)(6)
Sample time
85
INTCLK
(6)
Power-up time
60
µs
(6)
Resolution
8
8
bits
Monotonicity
GUARANTEED
No missing codes
GUARANTEED
Zero input reading
00
Hex
(6)
Full scale reading
FF
Hex
(6)
Offset error
1
LSBs
(1)(4)(6)
Gain error
1
LSBs
(4)(6)
Diff. Non Linearity error (DNL)
1
LSBs
(4)(6)
Int. Non Linearity error (INL)
1
LSBs
(4)(6)
Absolute Accuracy
2
LSBs
(4)(6)
Input Resistance
2.7
k
(3)(5)(6)
Hold Capacitance
1.4
pF
(5)(6)
Input Leakage
±1
µA
(6)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com