Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 173 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 173 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 169Page - STMicroelectronics ST92141 Datasheet HTML 170Page - STMicroelectronics ST92141 Datasheet HTML 171Page - STMicroelectronics ST92141 Datasheet HTML 172Page - STMicroelectronics ST92141 Datasheet HTML 173Page - STMicroelectronics ST92141 Datasheet HTML 174Page - STMicroelectronics ST92141 Datasheet HTML 175Page - STMicroelectronics ST92141 Datasheet HTML 176Page - STMicroelectronics ST92141 Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 179 page
background image
173/179
ST92141 - ELECTRICAL CHARACTERISTICS
IMC TIMING TABLE
VDD = 5V ± 10%, TA = 40°C to +85°C, CLoad = 50pF, fINTCLK = 25MHz, unless otherwise specified)
Note: The value in the left hand column shows the formula used to calculate the minimum or maximum timing from the oscillator clock period.
The value in the right hand two columns show the minimum and maximum timing for an internal clock at 25MHz (INTCLK).
Measurement points are taken with reference to VIH-VIH for positive pulse and VIL-VIL for negative pulse
(1) Formula guaranteed by design.
Legend:
Tck = INTCLK period = OSCIN period when OSCIN is not divided by 2;
2 x OSCIN period when OSCIN is divided by 2;
OSCIN period x PLL factor when the PLL is enabled.
IMC TIMING
Symbol
Parameter
Value (Note)
Unit
Formula(1)
Min
Max
1
TwTACLR
Tacho Low Level Minimum Pulse Width in Rising
Edge Mode
Tck
40
ns
2
TwTACHR
Tacho High Level Minimum Pulse Width in Ris-
ing Edge Mode
Tck
40
ns
3
TwTACHF
Tacho High Level Minimum Pulse Width in Fall-
ing Edge Mode
Tck
40
ns
4
TwTACLF
Tacho Low Level Minimum Pulse Width in Fall-
ing Edge Mode
Tck
40
ns
5
TwNMILR
NMI Low Level Minimum Pulse Width in Rising
Edge Mode
1000
ns
6
TwNMIHR
NMI High Level Minimum Pulse Width in Rising
Edge Mode
1000
ns
7
TwNMIHF
NMI High Level Minimum Pulse Width in Falling
Edge Mode
1000
ns
8
TwNMILF
NMI Low Level Minimum Pulse Width in Falling
Edge Mode
1000
ns
9
TdPHZ
Delay from NMI to Phases in High Impedance
1000
ns
5
6
7
8
/
9
TACHO
NMI
NMI
UH/UL/VH/VL/WH/WL
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com