Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 176 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 176 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 171Page - STMicroelectronics ST92141 Datasheet HTML 172Page - STMicroelectronics ST92141 Datasheet HTML 173Page - STMicroelectronics ST92141 Datasheet HTML 174Page - STMicroelectronics ST92141 Datasheet HTML 175Page - STMicroelectronics ST92141 Datasheet HTML 176Page - STMicroelectronics ST92141 Datasheet HTML 177Page - STMicroelectronics ST92141 Datasheet HTML 178Page - STMicroelectronics ST92141 Datasheet HTML 179Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 176 / 179 page
background image
176/179
ST92141 - GENERAL INFORMATION
9.2 ORDERING INFORMATION
The following section deals with the procedure for
transfer of customer codes to STMicroelectronics.
9.3 Transfer of Customer Code
Customer code is made up of the FASTROM (
Factory Advanced Service Technique ROM) con-
tents. The FASTROM contents are to be sent on
diskette, or by electronic means, with the hexadec-
imal file generated by the development tool. All un-
used bytes must be set to FFh.
The customer code should be communicated to
STMicroelectronics with the correctly completed
OPTION LIST appended.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Figure 82. Sales Type Coding Rules
Table 31. Ordering Information
Note 1: xxx stands for the FASTROM code name
assigned by STMicroelectronics.
Table 32. Development Tools
ST92 T 141
K 4 B 6 / xxx
Family
Version Code
Subfamily
Number of pins
ROM size
Package
Temperature Range
FASTROM Code (three letters)
0 = 25°C
B = Plastic DIP
4 = 16K
K= 32/34 pins P = FASTROM
6 = Industrial
(-40 to +85°C)
D = Ceramic DIP 0 = Special
E = EPROM
M = Plastic SOP
T = OTP
Sales Type 1)
Program
Memory
(bytes)
RAM
(bytes)
Package
ST92P141K4B6/xxx
16K
FASTROM
512
PSDIP32
ST92P141K4M6/xxx
SO34
ST92E141K4D0
16K
EPROM
512
CSDIP32W
ST92T141K4B6
16K
OTP
512
PSDIP32
ST92T141K4M6
SO34
Development Tool
Sales Type
Remarks
Real time emulator
ST92141-EMU2
EPROM
Programming
Board
ST92E141-EPB/EU
ST92E141-EPB/US
220V Power
Supply
110V Power
Supply
Gang Programmer
Third Party product
available from Leap
at www.leap.com.tw
SDIP32
package
SO34
package
C Hiware Compiler
and Debugger
ST9P-SWC/PC
for PC
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com