Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 118 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 118 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 114Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 115Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 116Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 117Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 118Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 119Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 120Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 121Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 122Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 182 page
background image
118
4173E–USB–09/07
AT89C5132
Table 93. SADDR Register
SADDR (S:A9h) – Slave Individual Address Register
Reset Value = 0000 0000b
Table 94. SADEN Register
SADEN (S:B9h) – Slave Individual Address Mask Byte Register
Reset Value = 0000 0000b
Table 95. BDRCON Register
BDRCON (S:92h) – Baud Rate Generator Control Register
7
6
5
4
3
2
1
0
SAD7
SAD6
SAD5
SAD4
SAD3
SAD2
SAD1
SAD0
Bit Number
Bit
Mnemonic
Description
7 - 0
SAD7:0
Slave Individual Address.
7
6
5
4
3
2
1
0
SAE7
SAE6
SAE5
SAE4
SAE3
SAE2
SAE1
SAE0
Bit Number
Bit
Mnemonic
Description
7 - 0
SAE7:0
Slave Address Mask Byte.
7
6
5
4
3
2
1
0
-
-
-
BRR
TBCK
RBCK
SPD
M0SRC
Bit Number
Bit
Mnemonic
Description
7-5
-
Reserved
The value read from these bits is indeterminate. Do not set these bits.
4
BRR
Baud Rate Run Bit
Set to enable the baud rate generator.
Clear to disable the baud rate generator.
3
TBCK
Transmission Baud Rate Selection Bit
Set to select the baud rate generator as transmission baud rate generator.
Clear to select the Timer 1 as transmission baud rate generator.
2
RBCK
Reception Baud Rate Selection Bit
Set to select the baud rate generator as reception baud rate generator.
Clear to select the Timer 1 as reception baud rate generator.
1
SPD
Baud Rate Speed Bit
Set to select high speed baud rate generation.
Clear to select low speed baud rate generation.
0
M0SRC
Mode 0 Baud Rate Source Bit
Set to select the variable baud rate generator in Mode 0.
Clear to select fixed baud rate in Mode 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com