Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 114 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 114 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 110Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 111Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 112Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 113Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 114Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 115Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 116Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 117Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 118Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 182 page
background image
114
4173E–USB–09/07
AT89C5132
Figure 18-14. Baud Rate Generator Selection (mode 2)
Figure 18-15. Baud Rate Formula (Mode 2)
18.5
Multiprocessor Communication
(Modes 2 and 3)
Modes 2 and 3 provide a ninth-bit mode to facilitate multiprocessor communication. To enable
this feature, set SM2 bit in SCON register. When the multiprocessor communication feature is
enabled, the Serial Port can differentiate between data frames (ninth bit clear) and address
frames (ninth bit set). This allows the AT89C5132 to function as a slave processor in an environ-
ment where multiple slave processors share a single serial line.
When the multiprocessor communication feature is enabled, the receiver ignores frames with
the ninth bit clear. The receiver examines frames with the ninth bit set for an address match. If
the received address matches the slaves address, the receiver hardware sets RB8 and RI bits in
SCON register, generating an interrupt.
The addressed slave’s software then clears SM2 bit in SCON register and prepares to receive
the data Bytes. The other slaves are unaffected by these data Bytes because they are waiting to
respond to their own addresses.
18.6
Automatic Address Recognition
The automatic address recognition feature is enabled when the multiprocessor communication
feature is enabled (SM2 bit in SCON register is set).
Implemented in hardware, automatic address recognition enhances the multiprocessor commu-
nication feature by allowing the Serial Port to examine the address of each incoming command
frame. Only when the Serial Port recognizes its own address, the receiver sets RI bit in SCON
register to generate an interrupt. This ensures that the CPU is not interrupted by command
frames addressed to other devices.
If desired, the automatic address recognition feature in mode 1 may be enabled. In this configu-
ration, the stop bit takes the place of the ninth data bit. Bit RI is set only when the received
command frame address matches the device’s address and is terminated by a valid stop bit.
To support automatic address recognition, a device is identified by a given address and a broad-
cast address.
Note:
The multiprocessor communication and automatic address recognition features cannot be
enabled in mode 0 (i.e, setting SM2 bit in SCON register in mode 0 has no effect).
18.6.1
Given Address
Each device has an individual address that is specified in SADDR register; the SADEN register
is a mask byte that contains don’t care Bits (defined by zeros) to form the device’s given
0
1
SMOD1
PCON.7
PER
CLOCK
÷
2
÷
16
To Serial Port
Baud_Rate =
32
2SMOD1 ⋅ FPER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com