Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 113 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 113 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 109Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 110Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 111Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 112Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 113Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 114Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 115Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 116Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 117Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 182 page
background image
113
4173E–USB–09/07
AT89C5132
Figure 18-13. Baud Rate Formulas (Modes 1 and 3)
Notes:
1. These frequencies are achieved in X1 mode, FPER = FOSC ÷ 2.
2. These frequencies are achieved in X2 mode, FPER = FOSC.
18.4.5
Baud Rate Selection
(Mode 2)
In mode 2, the baud rate can only be programmed to two fixed values: 1/16 or 1/32 of the periph-
eral clock frequency.
As shown in Figure 18-14 the selection is done using SMOD1 bit in PCON register.
Figure 18-15 gives the baud rate calculation formula depending on the selection.
Table 90. Baud Rate Generator Configuration
Baud
Rate
F
PER = 6 MHz
(1)
F
PER = 8 MHz
(1)
F
PER = 10 MHz
(1)
SPD
SMOD
1
BRL
Error
%
SPD
SMOD
1
BRL
Error
%
SPD
SMOD
1
BRL
Error
%
115200
-
-
-
-
-
-
-
-
-
-
-
-
57600
-
-
-
-
1
1
247
3.55
1
1
245
1.36
38400
1
1
246
2.34
1
1
243
0.16
1
1
240
1.73
19200
1
1
236
2.34
1
1
230
0.16
1
1
223
1.36
9600
1
1
217
0.16
1
1
204
0.16
1
1
191
0.16
4800
1
1
178
0.16
1
1
152
0.16
1
1
126
0.16
Baud
Rate
F
PER = 12 MHz
(2)
F
PER = 16 MHz
(2)
F
PER = 20 MHz
(2)
SPD
SMOD
1
BRL
Error
%
SPD
SMOD
1
BRL
Error
%
SPD
SMOD
1
BRL
Error
%
115200
-
-
-
-
1
1
247
3.55
1
1
245
1.36
57600
1
1
243
0.16
1
1
239
2.12
1
1
234
1.36
38400
1
1
236
2.34
1
1
230
0.16
1
1
223
1.36
19200
1
1
217
0.16
1
1
204
0.16
1
1
191
0.16
9600
1
1
178
0.16
1
1
152
0.16
1
1
126
0.16
4800
1
1
100
0.16
1
1
48
0.16
1
0
126
0.16
Baud_Rate=
6(1-SPD) ⋅ 32 ⋅ (256 -BRL)
2SMOD1 ⋅ FPER
BRL= 256 -
6(1-SPD) ⋅ 32 ⋅ Baud_Rate
2SMOD1 ⋅ F
PER
Baud_Rate=
6 ⋅ 32 ⋅ (256 -TH1)
2SMOD1 ⋅ F
PER
TH1= 256 -
192 ⋅ Baud_Rate
2SMOD1 ⋅ FPER
a. IBRG Formula
b. T1 Formula



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com