Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 111 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 111 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 107Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 108Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 109Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 110Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 111Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 112Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 113Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 114Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 115Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 182 page
background image
111
4173E–USB–09/07
AT89C5132
18.4
Asynchronous Modes (Modes 1, 2 and 3)
The Serial Port has one 8-bit and two 9-bit asynchronous modes of operation. Figure 18-8
shows the Serial Port block diagram in asynchronous modes.
Figure 18-8. Serial I/O Port Block Diagram (Modes 1, 2 and 3)
18.4.0.1
Mode 1
Mode 1 is a full-duplex, asynchronous mode. The data frame (see Figure 18-9) consists of 10
Bits: one start, eight data Bits and one stop bit. Serial data is transmitted on the TXD pin and
received on the RXD pin. When data is received, the stop bit is read in the RB8 bit in SCON
register.
Figure 18-9. Data Frame Format (Mode 1)
18.4.0.2
Modes 2 and 3
Modes 2 and 3 are full-duplex, asynchronous modes. The data frame (see Figure 18-10) con-
sists of 11 Bits: one start bit, eight data Bits (transmitted and received LSB first), one
programmable ninth data bit and one stop bit. Serial data is transmitted on the TXD pin and
received on the RXD pin. On receive, the ninth bit is read from RB8 bit in SCON register. On
transmit, the ninth data bit is written to TB8 bit in SCON register. Alternatively, the ninth bit can
be used as a command/data flag.
Figure 18-10. Data Frame Format (Modes 2 and 3)
18.4.1
Transmission
(Modes 1, 2 and 3)
To initiate a transmission, write to SCON register, setting SM0 and SM1 Bits according to
Table 89, and setting the ninth bit by writing to TB8 bit. Then, writing the byte to be transmitted to
SBUF register starts the transmission.
TB8
SCON.3
IBRG
CLOCK
RXD
TXD
SBUF Tx SR
Rx SR
SM1
SCON.6
SM0
SCON.7
Mode Decoder
M3 M2 M1 M0
RI
SCON.0
TI
SCON.1
Mode & Clock
Controller
SBUF Rx
RB8
SCON.2
SM2
SCON.4
T1
CLOCK
PER
CLOCK
Mode 1
D0
D1
D2
D3
D4
D5
D6
D7
Start bit
8-bit data
Stop bit
D0
D1
D2
D3
D4
D5
D6
D8
Start bit
9-bit data
Stop bit
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com