Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 109 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 109 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 105Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 106Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 107Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 108Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 109Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 110Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 111Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 112Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 113Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 182 page
background image
109
4173E–USB–09/07
AT89C5132
Figure 18-3. Serial I/O Port Block Diagram (Mode 0)
18.3.1
Transmission
(Mode 0)
To start a transmission mode 0, write to SCON register clearing Bits SM0, SM1.
As shown in Figure 18-4, writing the byte to transmit to SBUF register starts the transmission.
Hardware shifts the LSB (D0) onto the RXD pin during the first clock cycle composed of a high
level then low level signal on TXD. During the eighth clock cycle the MSB (D7) is on the RXD
pin. Then, hardware drives the RXD pin high and asserts TI to indicate the end of the
transmission.
Figure 18-4. Transmission Waveforms (Mode 0)
18.3.2
Reception
(Mode 0)
To start a reception in mode 0, write to SCON register clearing SM0, SM1 and RI Bits and set-
ting the REN bit.
As shown in Figure 18-5, Clock is pulsed and the LSB (D0) is sampled on the RXD pin. The D0
bit is then shifted into the shift register. After eight sampling, the MSB (D7) is shifted into the shift
register, and hardware asserts RI bit to indicate a completed reception. Software can then read
the received byte from SBUF register.
TXD
RXD
SBUF Tx SR
SBUF Rx SR
SM1
SCON.6
SM0
SCON.7
Mode Decoder
M3 M2 M1 M0
Mode
Controller
RI
SCON.0
TI
SCON.1
Baud Rate
Controller
Write to SBUF
TXD
RXD
TI
D0
D1
D2
D3
D4
D5
D6
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com