Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 125 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 125 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 121Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 122Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 123Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 124Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 125Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 126Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 127Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 128Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 129Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 182 page
background image
125
4173E–USB–09/07
AT89C5132
19.3.1
Master Configuration
The SPI operates in master mode when the MSTR bit in SPCON is set.
19.3.2
Slave Configuration
The SPI operates in slave mode when the MSTR bit in SPCON is cleared and data has been
loaded in SPDAT.
19.3.3
Data Exchange
There are two possible Policies to exchange data in master and slave modes:
•
polling
•
interrupts
19.3.4
Master Mode with Polling Policy
Figure 19-9 shows the initialization phase and the transfer phase flows using the polling policy.
Using this flow prevents any overrun error occurrence.
•
The bit rate is selected according to Table 97.
•
The transfer format depends on the slave peripheral.
•
SS may be deasserted between transfers depending also on the slave peripheral.
•
SPIF flag is cleared when reading SPDAT (SPSTA has been read before by the “end of
transfer” check).
This policy provides the fastest effective transmission and is well adapted when communicating
at high speed with other Microcontrollers. However, the procedure may then be interrupted at
any time by higher priority tasks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com