Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 127 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 127 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 123Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 124Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 125Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 126Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 127Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 128Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 129Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 130Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 131Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 182 page
background image
127
4173E–USB–09/07
AT89C5132
Figure 19-10. Master SPI Interrupt Policy Flows
19.3.6
Slave Mode with Polling Policy
Figure 19-11 shows the initialization phase and the transfer phase flows using the polling policy.
The transfer format depends on the master controller.
SPIF flag is cleared when reading SPDAT (SPSTA has been read before by the “end of recep-
tion” check).
This policy provides the fastest effective transmission and is well adapted when communicating
at high speed with other Microcontrollers. However, the procedure may be interrupted at any
time by higher priority tasks.
SPI Initialization
Interrupt Policy
Enable Interrupt
ESPI =1
SPI Interrupt
Service Routine
Select Master Mode
MSTR = 1
Select Bit Rate
Program SPR2:0
Select Format
Program CPOL & CPHA
Enable SPI
SPEN = 1
Read Status
Read SPSTA
Start New Transfer
Write Data in SPDAT
Last Transfer?
Get Data Received
Read SPDAT
Disable Interrupt
SPIE = 0
Select Slave
Pn.x = L
Start Transfer
Write Data in SPDAT
Deselect Slave
Pn.x = H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com