Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 130 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 130 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 126Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 127Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 128Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 129Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 130Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 131Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 132Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 133Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 134Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 182 page
background image
130
4173E–USB–09/07
AT89C5132
Reset Value = 0001 0100b
Note:
1. When the SPI is disabled, SCK outputs high level.
Table 99. SPSTA Register
SPSTA (S:C4h) – SPI Status Register
Reset Value = 00000 0000b
Table 100. SPDAT Register
SPDAT (S:C5h) – Synchronous Serial Data Register
Reset Value = XXXX XXXXb
1 - 0
SPR1:0
SPI Rate Bits 0 and 1
Refer to Table 97 for bit rate description.
7
6
5
4
3
2
1
0
SPIF
WCOL
-
MODF
-
-
-
-
Bit Number
Bit
Mnemonic
Description
7
SPIF
SPI Interrupt Flag
Set by hardware when an 8-bit shift is completed.
Cleared by hardware when reading or writing SPDAT after reading SPSTA.
6
WCOL
Write Collision Flag
Set by hardware to indicate that a collision has been detected.
Cleared by hardware to indicate that no collision has been detected.
5
-
Reserved
The values read from this bit is indeterminate. Do not set this bit.
4
MODF
Mode Fault
Set by hardware to indicate that the SS pin is at an appropriate level.
Cleared by hardware to indicate that the SS pin is at an inappropriate level.
3:0
-
Reserved
The values read from these Bits are indeterminate. Do not set these Bits.
7
6
5
4
3
2
1
0
SPD7
SPD6
SPD5
SPD4
SPD3
SPD2
SPD1
SPD0
Bit Number
Bit
Mnemonic
Description
7 - 0
SPD7:0
Synchronous Serial Data
Bit Number
Bit
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com