Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 163 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 163 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 159Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 160Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 161Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 162Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 163Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 164Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 165Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 166Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 167Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 182 page
background image
163
4173E–USB–09/07
AT89C5132
23.3.2.3
Waveforms
Figure 23-10. External IDE 16-bit Bus Cycle – Data Read Waveforms
Note:
D15:8 is written in DAT16H SFR.
Figure 23-11. External IDE 16-bit Bus Cycle – Data Write Waveforms
Note:
D15:8 is the content of DAT16H SFR.
23.3.3
SPI Interface
23.3.3.1
Definition of Symbols
Table 114. SPI Interface Timing Symbol Definitions
T
AVDV
T
LLAX
T
RHDX
T
RHDZ
T
AVLL
T
AVRL
P2
P0
RD
ALE
T
LHLL
T
RLRH
Data In
T
RLAZ
T
LLRL
T
RHLH
T
RLDV
D7:0
A7:0
Data In
D15:81
A15:8
T
WHLH
TAVWL
T
LLAX
T
WHQX
P2
P0
WR
ALE
TLHLL
TWLWH
TAVLL
T
QVWH
D7:0
Data Out
TLLWL
A7:0
D15:81
Data Out
A15:8
Signals
Conditions
C
Clock
H
High
I
Data In
L
Low
O
Data Out
V
Valid
X
No Longer Valid
Z
Floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com