Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 164 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 164 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 160Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 161Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 162Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 163Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 164Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 165Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 166Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 167Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 168Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 182 page
background image
164
4173E–USB–09/07
AT89C5132
23.3.3.2
Timings
Table 115. SPI Interface Master AC Timing
VDD = 2.7 to 3.3V, TA = -40° to +85°C
Notes:
1. Value of this parameter depends on software.
2. Test conditions: capacitive load on all pins = 100 pF
Symbol
Parameter
Min
Max
Unit
Slave Mode
T
CHCH
Clock Period
8
T
OSC
T
CHCX
Clock High Time
3.2
T
OSC
T
CLCX
Clock Low Time
3.2
T
OSC
T
SLCH, TSLCL
SS Low to Clock edge
200
ns
T
IVCL, TIVCH
Input Data Valid to Clock Edge
100
ns
T
CLIX, TCHIX
Input Data Hold after Clock Edge
100
ns
T
CLOV, TCHOV
Output Data Valid after Clock Edge
100
ns
T
CLOX, TCHOX
Output Data Hold Time after Clock Edge
0
ns
T
CLSH, TCHSH
SS High after Clock Edge
0
ns
T
IVCL, TIVCH
Input Data Valid to Clock Edge
100
ns
T
CLIX, TCHIX
Input Data Hold after Clock Edge
100
ns
T
SLOV
SS Low to Output Data Valid
130
ns
T
SHOX
Output Data Hold after SS High
130
ns
T
SHSL
SS High to SS Low
(1)
T
ILIH
Input Rise Time
2
µ
s
T
IHIL
Input Fall Time
2
µ
s
T
OLOH
Output Rise Time
100
ns
T
OHOL
Output Fall Time
100
ns
Master Mode
T
CHCH
Clock Period
4
T
OSC
T
CHCX
Clock High Time
1.6
T
OSC
T
CLCX
Clock Low Time
1.6
T
OSC
T
IVCL, TIVCH
Input Data Valid to Clock Edge
50
ns
T
CLIX, TCHIX
Input Data Hold after Clock Edge
50
ns
T
CLOV, TCHOV
Output Data Valid after Clock Edge
65
ns
TCLOX, TCHOX
Output Data Hold Time after Clock Edge
0
ns
TILIH
Input Data Rise Time
2
µ
s
TIHIL
Input Data Fall Time
2
µ
s
TOLOH
Output Data Rise Time
50
ns
TOHOL
Output Data Fall Time
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com