Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 171 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 171 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 167Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 168Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 169Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 170Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 171Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 172Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 173Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 174Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 175Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 182 page
background image
171
4173E–USB–09/07
AT89C5132
23.3.7.3
Waveforms
Figure 23-19. Analog-to-Digital Converter Internal Waveforms
Figure 23-20. Analog-to-Digital Converter Characteristics
ADEN Bit
ADSST Bit
TEHSH
T
SHSL
CLK
TCLCL
1
2
3
4
5
6
7
1018 1019 1020 1021 1022 1023 1024
1
2
3
4
5
6
7
1018
1019
1020
1021
1022
1023
Offset
Error
Code Out
AVIN (LSBideal)
OSe
Offset
Error
OSe
Gain
Error
Ge
Ideal Transfer Curve
1 LSB
(Ideal)
Integral Non-linearity (ILe)
Differential Non-linearity (DLe)
Center of a Step
Example of an Actual Transfer Curve
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com