Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTUL Datasheet(PDF) 172 Page - ATMEL Corporation

Part # AT89C5132-ROTUL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTUL Datasheet(HTML) 172 Page - ATMEL Corporation

Back Button AT89C5132-ROTUL Datasheet HTML 168Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 169Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 170Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 171Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 172Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 173Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 174Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 175Page - ATMEL Corporation AT89C5132-ROTUL Datasheet HTML 176Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 182 page
background image
172
4173E–USB–09/07
AT89C5132
23.3.8
Flash Memory
23.3.8.1
Definition of Symbols
Table 121. Flash Memory Timing Symbol Definitions
23.3.8.2
Timings
Table 122. Flash Memory AC Timing
VDD = 2.7 to 3.3V, TA = -40° to +85°C
23.3.8.3
Waveforms
Figure 23-21. Flash Memory – ISP Waveforms
Note:
1. ISP must be driven through a pull-down resistor (see Section “In-system Programming”,
page 158).
Figure 23-22. Flash Memory – Internal Busy Waveforms
23.3.9
External Clock Drive and Logic Level References
23.3.9.1
Definition of Symbols
Table 123. External Clock Timing Symbol Definitions
Signals
Conditions
S
ISP
L
Low
R
RST
V
Valid
B
FBUSY flag
X
No Longer Valid
Symbol
Parameter
Min
Typ
Max
Unit
T
SVRL
Input ISP Valid to RST Edge
50
ns
T
RLSX
Input ISP Hold after RST Edge
50
ns
T
BHBL
FLASH Internal Busy (Programming) Time
10
ms
N
FCY
Number of Flash Write Cycles
100K
Cycle
T
FDR
Flash Data Retention Time
10
Year
RST
T
SVRL
ISP(1)
T
RLSX
FBUSY bit
T
BHBL
Signals
Conditions
C
Clock
H
High
L
Low
X
No Longer Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com