Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100 Datasheet(PDF) 64 Page - STMicroelectronics

Part # STE100
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STE100 Datasheet HTML 58Page - STMicroelectronics STE100 Datasheet HTML 59Page - STMicroelectronics STE100 Datasheet HTML 60Page - STMicroelectronics STE100 Datasheet HTML 61Page - STMicroelectronics STE100 Datasheet HTML 62Page - STMicroelectronics STE100 Datasheet HTML 63Page - STMicroelectronics STE100 Datasheet HTML 64Page - STMicroelectronics STE100 Datasheet HTML 65Page - STMicroelectronics STE100 Datasheet HTML 66Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 64 / 66 page
background image
STE10/100
64/66
Table 24. 10BASE-T Normal Link Pulse(NLP) Timings Specifications
Figure 21. Normal Link Pulse timings
Table 25. Auto-Negotiation Fast Link Pulse(FLP) Timings Specifications
Figure 22. Fast Link Pulse timing
Table 26. 100BASE-TX Transmitter AC Timings Specification
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
NLP Width
10Mbps
100
ns
NLP Period
10Mbps
8
24
ms
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Tflpw
FLP Width
100
Clock pulse to clock pulse period
111
125
139
Clock pulse to Data pulse period
55.5
62.5
69.5
Number of pulses in one burst
17
33
Burst Width
2
FLP Burst period
8
16
24
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Tjit
TDP-TDN Differential Output
Peak Jitter
1.4
ps
Tnpw
Tnpc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com