Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100 Datasheet(PDF) 65 Page - STMicroelectronics

Part # STE100
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STE100 Datasheet HTML 58Page - STMicroelectronics STE100 Datasheet HTML 59Page - STMicroelectronics STE100 Datasheet HTML 60Page - STMicroelectronics STE100 Datasheet HTML 61Page - STMicroelectronics STE100 Datasheet HTML 62Page - STMicroelectronics STE100 Datasheet HTML 63Page - STMicroelectronics STE100 Datasheet HTML 64Page - STMicroelectronics STE100 Datasheet HTML 65Page - STMicroelectronics STE100 Datasheet HTML 66Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 65 / 66 page
background image
65/66
STE10/100
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.04
3.40
0.12
0.134
A1
0.25
0.33
0.010
0.013
A2
2.57
2.71
2.87
0.101
0.107
0.113
b
0.13
0.28
0.005
0.011
C
0.13
0.23
0.005
0.009
D
20
0.787
E
14
0.551
e
0.5
0.02
HD
23.2
0.913
HE
17.2
0.677
L
0.73
0.88
1/03
0.029
0.035
0.041
L1
1.60
0.063
ZD
0.75
0.03
ZE
0.75
0.03
ccc
0.12
0.005
Angle
0°(min.), 7°(max.)
L dimension is measured at gauge plane at 0.25 above the seating
plane
A
A2
A1
C
38
39
64
65
102
103
128
ZE
ZD
E
PIN 1 ID
HE
D
HD
e
1
0.7 DEGREES
b
PQF128CM
MC
D
A -B
0.12
.005
CDC
0.25
GAGE PLANE
S
S
PQFP128 (14x20x2.7mm)
May 1999
1020818
OUTLINE AND
MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com