Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100 Datasheet(PDF) 58 Page - STMicroelectronics

Part # STE100
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STE100 Datasheet HTML 54Page - STMicroelectronics STE100 Datasheet HTML 55Page - STMicroelectronics STE100 Datasheet HTML 56Page - STMicroelectronics STE100 Datasheet HTML 57Page - STMicroelectronics STE100 Datasheet HTML 58Page - STMicroelectronics STE100 Datasheet HTML 59Page - STMicroelectronics STE100 Datasheet HTML 60Page - STMicroelectronics STE100 Datasheet HTML 61Page - STMicroelectronics STE100 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 66 page
background image
STE10/100
58/66
8.0 ELECTRICAL SPECIFICATIONS AND TIMINGS
Table 16. Absolute Maximum Ratings
Parameter
Value
Supply Voltage(Vcc)
-0.5 V to 7.0 V
Input Voltage
-0.5 V to VCC + 0.5 V
Output Voltage
-0.5 V to VCC + 0.5 V
Storage Temperature
-65
°C to 150 °C(-85°F to 302°F)
Ambient Temperature
0
°C to 70°C(32°F to 158°F)
ESD Protection
2000V
Table 17. General DC Specifications
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
General DC
Vcc
Supply Voltage
4.75
5.25
V
Icc
Power Supply
300
mA
PCI Interface DC Specfications
Vilp
Input LOW Voltage
-0.5
0.8
V
Vihp
Input HIGH Voltage
2.0
5.5
V
Iilp
Input LOW Leakage Current
Vin = .8V
-10
10
µA
Iihp
Input HIGH Leakage Current
Vin = 2.0V
-10
10
µA
Volp
Output LOW Voltage
Iout =3mA/6mA
.
.55
V
Vohp
Output HIGH Voltage
Iout =-2mA
2.4
V
Cinp
Input Pin Capacitance
5
8
pF
Cclkp
CLK Pin Capacitance
5
8
pF
Cidsel
IDSEL Pin Capacitance
5
8
pF
Lpinp
Pin Inductance
N/A
nH
Flash/EEPROM Interface DC Specifications
Vilf
Input LOW Voltage
-0.5
0.8
V
Vihf
Input HIGH Voltage
2.0
5.5
V
Iif
Input Leakage Current
-10
10
µA
Volf
Output LOW Voltage
Iout=3mA,6mA
.55
V
Vohf
Output HIGH Voltage
Iout=-2mA
2.4
V
Cinf
Input Pin Capacitance
5
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com