Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STE100
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STE100 Datasheet HTML 23Page - STMicroelectronics STE100 Datasheet HTML 24Page - STMicroelectronics STE100 Datasheet HTML 25Page - STMicroelectronics STE100 Datasheet HTML 26Page - STMicroelectronics STE100 Datasheet HTML 27Page - STMicroelectronics STE100 Datasheet HTML 28Page - STMicroelectronics STE100 Datasheet HTML 29Page - STMicroelectronics STE100 Datasheet HTML 30Page - STMicroelectronics STE100 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
27/66
STE10/100
CSR18(offset = 88h), CR - Command Register, bit31 to bit16 automatically recall from EEPROM
31
D3CS
D3cold power state wake up Support. If this bit is reset then
bit 31 of PMR0 will be reset to ‘0’. If this bit is asserted and an
auxiliary power source is detected then bit 31 of PMR0 will be
set to ‘1’.
0
from
EEPROM
R/W
30-28
AUXCL
Aux. Current Load. These three bits report the maximum
3.3Vaux current requirements for STE10/100 chip. If bit 31 of
PMR0 is ‘1’, the default value is 111b, which means the
STE10/100 need 375 mA to support remote wake-up in
D3cold power state. Otherwise, the default value is 000b,
which means the STE10/100 does not support remote wake-
up from D3cold power state.
000b
from
EEPROM
R/W
27-24
---
Reserved
23
4LEDmode
_on
This bit is used to control the LED mode selection.
If this bit is reset, mode 1 (3 LEDs) is selected; the LEDs
definition is:
100/10 speed
Link/Activity
Full Duplex/Collision
If this bit is set, mode 2 (4 LEDs) is selected; the LEDs
definition is:
100 Link
10 Link
Activity
Full Duplex/Collision
0
from
EEPROM
R/W
22, 21
RFS
Receive FIFO size control
11: 1K bytes
10: 2K bytes
01,00: reserved
10
from
EEPROM
R/W
20
---
Reserved
19
PM
Power Management. Enables the STE10/100 Power
Management abilities. When this bit is set into “0” the STE10/
100 will set the Cap_Ptr register to zero, indicating no PCI
compliant power management capabilities. The value of this
bit will be mapped to NC (CR1 bit 20). In PCI Power
Management mode, the Wake Up Frames include “Magic
Packet”, “Unicast”, and “Muliticast”.
X
from
EEPROM
RO
18
WOL
Wake on LAN mode enable. When this bit is set to ‘1’, then the
STE10/100 enters Wake On LAN mode and enters the sleep
state.
Once the STE10/100 enters the sleep state, it remains there
until: the Wake Up event occurs, the WOL bit is cleared, or a
reset (software or hardware) happens.
In Wake On LAN mode the Wake-Up frame is “Magic Packet”
only.
X
from
EEPROM
R/W
17~7
---
Reserved
6
RWP
Reset Wake-up Pattern Data Register Pointer
0
R/W
Table 6. Control/Status register description
Bit #
Name
Descriptions
Default Val
RW Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com