Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STE100
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STE100 Datasheet HTML 26Page - STMicroelectronics STE100 Datasheet HTML 27Page - STMicroelectronics STE100 Datasheet HTML 28Page - STMicroelectronics STE100 Datasheet HTML 29Page - STMicroelectronics STE100 Datasheet HTML 30Page - STMicroelectronics STE100 Datasheet HTML 31Page - STMicroelectronics STE100 Datasheet HTML 32Page - STMicroelectronics STE100 Datasheet HTML 33Page - STMicroelectronics STE100 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
STE10/100
30/66
7~0
PAB0
physical address byte 0
From
EEPROM
R/W
CSR26(offset = a8h) - PAR1, physical address register 1, automatically recalled from EEPROM
31~24
---
reserved
23~16
---
reserved
15~8
PAB5
physical address byte 5
From
EEPROM
R/W
7~0
PAB4
physical address byte 4
From
EEPROM
R/W
For example, physical address = 00-00-e8-11-22-33
PAR0= 11 e8 00 00
PAR1= XX XX 33 22
PAR0 and PAR1 are readable, but can be written only if the receive state is in stopped (CSR5 bits 19-17=000).
CSR27(offset = ach) - MAR0, multicast address register 0
31~24
MAB3
multicast address byte 3 (hash table 31:24)
00h
R/W
23~16
MAB2
multicast address byte 2 (hash table 23:16)
00h
R/W
15~8
MAB1
multicast address byte 1 (hash table 15:8)
00h
R/W
7~0
MAB0
multicast address byte 0 (hash table 7:0)
00h
R/W
CSR28(offset = b0h) - MAR1, multicast address register 1
31~24
MAB7
multicast address byte 7 (hash table 63:56)
00h
R/W
23~16
MAB6
multicast address byte 6 (hash table 55:48)
00h
R/W
15~8
MAB5
multicast address byte 5 (hash table 47:40)
00h
R/W
7~0
MAB4
multicast address byte 4 (hash table 39:32)
00h
R/W
MAR0 and MAR1 are readable, but can be written only if the receive state is in stopped(CSR5 bit19-17=000).
Table 6. Control/Status register description
Bit #
Name
Descriptions
Default Val
RW Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com