Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STE100
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STE100 Datasheet HTML 17Page - STMicroelectronics STE100 Datasheet HTML 18Page - STMicroelectronics STE100 Datasheet HTML 19Page - STMicroelectronics STE100 Datasheet HTML 20Page - STMicroelectronics STE100 Datasheet HTML 21Page - STMicroelectronics STE100 Datasheet HTML 22Page - STMicroelectronics STE100 Datasheet HTML 23Page - STMicroelectronics STE100 Datasheet HTML 24Page - STMicroelectronics STE100 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
21/66
STE10/100
31~17
---
reserved
16
NIE
Normal Interrupt Enable
1: enables all the normal interrupt bits (see bit 16 of CSR5)
0
R/W
15
AIE
Abnormal Interrupt Enable
1: enables all the abnormal interrupt bits (see bit 15 of CSR5)
0
R/W
14
---
reserved
13
FBEIE
Fatal Bus Error Interrupt Enable
1: this bit in conjunction with AIE (bit 15 of CSR7) will enable
the fatal bus error interrupt
0
R/W
12
---
Reserved
11
GPTIE
General Purpose Timer Interrupt Enable
1: this bit in conjunction with AIE (bit 15 of CSR7) will enable
the general purpose timer expired interrupt.
0
R/W
10
---
Reserved
9
RWTIE
Receive Watchdog Time-out Interrupt Enable
1: this bit in conjunction with AIE (bit 15 of CSR7) will enable
the receive watchdog time-out interrupt.
0
R/W
8
RSIE
Receive Stopped Interrupt Enable
1: this bit in conjunction with AIE (bit 15 of CSR7) will enable
the receive stopped interrupt.
0
R/W
7
RUIE
Receive Descriptor Unavailable Interrupt Enable
1: this bit in conjunction with AIE (bit 15 of CSR7) will enable
the receive descriptor unavailable interrupt.
0
R/W
6
RCIE
Receive Completed Interrupt Enable
1: this bit in conjunction with NIE (bit 16 of CSR7) will enable
the receive completed interrupt.
0
R/W
5
TUIE
Transmit Under-flow Interrupt Enable
1: this bit in conjunction with AIE (bit 15 of CSR7) will enable
the transmit under-flow interrupt.
0
R/W
4
---
Reserved
3
TJTTIE
Transmit Jabber Timer Time-out Interrupt Enable
1: this bit in conjunction with AIE (bit 15 of CSR7) will enable
the transmit jabber timer time-out interrupt.
0
R/W
2
TDUIE
Transmit Descriptor Unavailable Interrupt Enable
1: this bit in conjunction with NIE (bit 16 of CSR7) will enable
the transmit descriptor unavailable interrupt.
0
R/W
1
TPSIE
Transmit Processor Stopped Interrupt Enable
1: this bit in conjunction with AIE (bit 15 of CSR7) will enable
the transmit processor stopped interrupt.
0
R/W
0
TCIE
Transmit Completed Interrupt Enable
1: this bit in conjunction with NIE (bit 16 of CSR7) will enable
the transmit completed interrupt.
0
R/W
CSR8(offset = 40h), LPC - Lost packet counter
Table 6. Control/Status register description
Bit #
Name
Descriptions
Default Val
RW Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com