Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STE100
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STE100 Datasheet HTML 10Page - STMicroelectronics STE100 Datasheet HTML 11Page - STMicroelectronics STE100 Datasheet HTML 12Page - STMicroelectronics STE100 Datasheet HTML 13Page - STMicroelectronics STE100 Datasheet HTML 14Page - STMicroelectronics STE100 Datasheet HTML 15Page - STMicroelectronics STE100 Datasheet HTML 16Page - STMicroelectronics STE100 Datasheet HTML 17Page - STMicroelectronics STE100 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
STE10/100
14/66
CR49(offset = c4h), PMR1, Power Management Register 1.
31~16
---
reserved
15
PMEST
PME_Status. This bit is set whenever the STE10/100 detects
a wake-up event, regardless of the state of the PME-En bit.
Writing a “1” to this bit will clear it, causing the STE10/100 to
deassert PME# (if so enabled). Writing a “0” has no effect.
If PSD3c (bit 31 of PMR0) is cleared (i.e. it does not support
PME# generation from D3cold), this bit is by default 0;
otherwise, PMEST is cleared upon power-up reset only and is
not modified by either hardware or software reset.
X
R/W1C*
14,13
DSCAL
Data_Scale. Indicates the scaling factor to be used when
interpreting the value of the Data register. This field is
required for any function that implements the Data register.
The STE10/100 does not support Data register and
Data_Scale.
00b
RO
12~9
DSEL
Data_Select. This four bit field is used to select which data is
to be reported through the Data register and Data_Scale field.
This field is required for any function that implements the Data
register.
The STE10/100 does not support Data_select.
0000b
R/W
8
PME_En
PME_En. When set, enables the STE10/100 to assert PME#.
When cleared, disables the PME# assertion.
If PSD3c (bit 31 of PMR0) is cleared (i.e. it does not support
PME# generation from D3cold), this bit is by default 0;
otherwise, PME_En is cleared upon power up reset only and is
not modified by either hardware or software reset.
X
R/W
7~2
---
reserved.
000000b
RO
1,0
PWRS
PowerState. This two bit field is used both to determine the
current power state of the STE10/100 and to place the STE10/
100 in a new power state. The definition of this field is given
below.
00b - D0
01b - D1
10b - D2
11b - D3hot
If software attempts to write an unsupported state to this field,
the write operation will complete normally on the bus, but the
data is discarded and no state change occurs.
00b
R/W
R/W1C*, Read Only and Write one cleared.
Table 4. Configuration Registers Descriptions
Bit #
Name
Descriptions
Default Val
RW Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com